Electronic Components Datasheet Search
  English  ▼

X  

AP431I Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP431I
Description  LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431I Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP431I Datasheet HTML 5Page - Diodes Incorporated AP431I Datasheet HTML 6Page - Diodes Incorporated AP431I Datasheet HTML 7Page - Diodes Incorporated AP431I Datasheet HTML 8Page - Diodes Incorporated AP431I Datasheet HTML 9Page - Diodes Incorporated AP431I Datasheet HTML 10Page - Diodes Incorporated AP431I Datasheet HTML 11Page - Diodes Incorporated AP431I Datasheet HTML 12Page - Diodes Incorporated AP431I Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AP431i
Document number: DS37535 Rev. 6 - 2
9 of 17
www.diodes.com
October 2016
© Diodes Incorporated
AP431i
Performance Characteristics (Cont.)
Pulse Response
Pulse
Generator
f=10KHz
220
50
Output
GND
VIN
1V/div
VOUT
1V/div
Time 10µs/div
Input Voltage
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com