Electronic Components Datasheet Search
  English  ▼

X  

AP431I Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP431I
Description  LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431I Datasheet(HTML) 4 Page - Diodes Incorporated

  AP431I Datasheet HTML 1Page - Diodes Incorporated AP431I Datasheet HTML 2Page - Diodes Incorporated AP431I Datasheet HTML 3Page - Diodes Incorporated AP431I Datasheet HTML 4Page - Diodes Incorporated AP431I Datasheet HTML 5Page - Diodes Incorporated AP431I Datasheet HTML 6Page - Diodes Incorporated AP431I Datasheet HTML 7Page - Diodes Incorporated AP431I Datasheet HTML 8Page - Diodes Incorporated AP431I Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AP431i
Document number: DS37535 Rev. 6 - 2
4 of 17
www.diodes.com
October 2016
© Diodes Incorporated
AP431i
Functional Block Diagram
REF
VREF
CATHODE
ANODE
+
-
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VKA
Cathode Voltage
40
V
IKA
Cathode Current Range (Continuous)
-100 to 150
mA
IREF
Reference Input Current Range
10
mA
PD
Power Dissipation
TO-92
750
mW
SOT-89
750
SOT-23
350
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
ESD
ESD (Human Body Model)
5,500
V
ESD
ESD (Machine Model)
300
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VKA
Cathode Voltage
VREF
36
V
IKA
Cathode Current
0.1
100
mA
TA
Operating Ambient Temperature Range
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com