Electronic Components Datasheet Search
  English  ▼

X  

AP431I Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP431I
Description  LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431I Datasheet(HTML) 1 Page - Diodes Incorporated

  AP431I Datasheet HTML 1Page - Diodes Incorporated AP431I Datasheet HTML 2Page - Diodes Incorporated AP431I Datasheet HTML 3Page - Diodes Incorporated AP431I Datasheet HTML 4Page - Diodes Incorporated AP431I Datasheet HTML 5Page - Diodes Incorporated AP431I Datasheet HTML 6Page - Diodes Incorporated AP431I Datasheet HTML 7Page - Diodes Incorporated AP431I Datasheet HTML 8Page - Diodes Incorporated AP431I Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP431i
Document number: DS37535 Rev. 6 - 2
1 of 17
www.diodes.com
October 2016
© Diodes Incorporated
AP431i
1
2
3
REF
ANODE
CATHODE
LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
Description
The AP431i is a 3-terminal adjustable shunt regulator with guaranteed
thermal stability over a full operation range. It features sharp turn-on
characteristics, low temperature coefficient and low output imped-
ance, which makes it ideal substitute for Zener diode in applications
such as switching power supply, charger and other adjustable
regulators.
The AP431i has the same electrical specifications as the industry
standard 431 except that it features a low minimum cathode current
for regulation. The typical value of 50μA makes the parts ideal for
very low power dissipation applications.
The output voltage of AP431i can be set to any value between VREF
(2.5V/2.495V) and the corresponding maximum cathode voltage
(36V).
The AP431i is offered in two grade initial voltage tolerance at +25°C,
0.5% and 1%.
This IC is available in 3 packages: TO-92 (ammo packing), SOT-23
and SOT-89.
Features
Low Minimum Cathode Current for Regulation: 50
μA (Typ.),
100μA (Max.)
Programmable Precise Output Voltage from 2.5V/2.495V to 36V
High Stability Under Capacitive Load
Low Deviation of Reference Voltage Over Full Temperature
Range: 11mV Typical (-40
C to +125°C)
Sink Current Capacity from 100µA to 100mA
Low Dynamic Impedance: 0.1
Ω (Typ.)
Wide Operating Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
(Top View)
SOT-23 (Package Code: N)
SOT-23 (Package Code: N1)
(Top View)
(Top View)
SOT-89 (Option 1)
SOT-89 (Option 2)
(Top View)
TO-92 (Ammo Packing)
Applications
Charger
Voltage Adapter
Switching Power Supply
Graphic Card
Precision Voltage Reference
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
REF ANODE CATHODE
1
2
3
REF ANODE CATHODE
1
2
3
REF
ANODE
CATHODE


Similar Part No. - AP431I

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP431I ANACHIP-AP431I Datasheet
323Kb / 17P
Adjustable Precision Shunt Regulator
Rev.1.0 May.7, 2004
AP431IA ANACHIP-AP431IA Datasheet
323Kb / 17P
Adjustable Precision Shunt Regulator
Rev.1.0 May.7, 2004
AP431IAA ANACHIP-AP431IAA Datasheet
323Kb / 17P
Adjustable Precision Shunt Regulator
Rev.1.0 May.7, 2004
AP431IAL ANACHIP-AP431IAL Datasheet
323Kb / 17P
Adjustable Precision Shunt Regulator
Rev.1.0 May.7, 2004
AP431IALA ANACHIP-AP431IALA Datasheet
323Kb / 17P
Adjustable Precision Shunt Regulator
Rev.1.0 May.7, 2004
More results

Similar Description - AP431I

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I Datasheet
388Kb / 16P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
ZXRE250 DIODES-ZXRE250 Datasheet
407Kb / 14P
VERY LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
logo
BCD Semiconductor Manuf...
AS431I BCDSEMI-AS431I_11 Datasheet
409Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
AS431I BCDSEMI-AS431I_12 Datasheet
439Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
TL431LL UTC-TL431LL Datasheet
148Kb / 6P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AS431I DIODES-AS431I Datasheet
448Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
AP431S DIODES-AP431S Datasheet
524Kb / 17P
LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com