Electronic Components Datasheet Search
  English  ▼

X  

TPS61007DGS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61007DGS
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61007DGS Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61007DGS Datasheet HTML 3Page - Texas Instruments TPS61007DGS Datasheet HTML 4Page - Texas Instruments TPS61007DGS Datasheet HTML 5Page - Texas Instruments TPS61007DGS Datasheet HTML 6Page - Texas Instruments TPS61007DGS Datasheet HTML 7Page - Texas Instruments TPS61007DGS Datasheet HTML 8Page - Texas Instruments TPS61007DGS Datasheet HTML 9Page - Texas Instruments TPS61007DGS Datasheet HTML 10Page - Texas Instruments TPS61007DGS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VBAT = 1.2 V, EN
= VBAT (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
Input voltage for start up
RL = 33 Ω
0.9
V
VI
Input voltage for start-up
RL = 3 kΩ,
TA = 25°C
0.8
V
VI
Input voltage once started
IO = 100 mA
0.8
V
VO
Programmable output voltage
TPS61000,
TPS61007
IO = 100 mA
1.5
3.3
V
TPS61001
1.2 V,
IO = 1 mA
1.44
1.5
1.55
TPS61001
0.8 V < VI < VO,
IO = 100 mA
1.45
1.5
1.55
TPS61002
1.2 V,
IO = 1 mA
1.72
1.8
1.86
TPS61002
0.8 V < VI < VO,
IO = 100 mA
1.74
1.8
1.86
1.2 V,
IO = 1 mA
2.40
2.5
2.58
TPS61003
0.8 V < VI < VO,
IO = 100 mA
2.42
2.5
2.58
TPS61003
1.6 V < VI < VO,
IO = 200 mA
2.42
2.5
2.58
V
Output voltage
1.2 V,
IO = 1 mA
2.68
2.8
2.89
V
VO
Output voltage
TPS61004
0.8 V < VI < VO,
IO = 100 mA
2.72
2.8
2.89
V
TPS61004
1.6 V < VI < VO,
IO = 200 mA
2.72
2.8
2.89
1.2 V,
IO = 1 mA
2.88
3.0
3.1
TPS61005
0.8 V < VI < VO,
IO = 100 mA
2.9
3.0
3.1
TPS61005
1.6 V < VI < VO,
IO = 200 mA
2.9
3.0
3.1
1.2 V,
IO = 1 mA
3.16
3.3
3.4
TPS61006
0.8 V < VI < VO,
IO = 100 mA
3.2
3.3
3.4
TPS61006
1.6 V < VI < VO,
IO = 200 mA
3.2
3.3
3.4
I
Maximum continuous output current
VI = 0.8 V
100
mA
IO
Maximum continuous output current
VI = 1.8 V
250
mA
TPS61001
0.5
TPS61002
0.65
I
Switch current limit
TPS61003
08 V
V
V
0.9
A
ILIM
Switch current limit
TPS61004
0.8 V < VI < VO
0.95
A
TPS61005
1
TPS61006
1.1
VFB
Feedback voltage
TPS61000,
TPS61007
468
500
515
mV
f
Oscillator frequency
360
500
840
kHz
DMAX
Maximum duty cycle
85%
rDS(on)
Switch-on resistance
VO = 3.3 V
0.18
0.27
Ω
Line regulation (see Note 1)
VI = 0.8 V to 1.25 V, IO = 50 mA
0.3
%/V
Load regulation fixed output voltage versions
(see Note 1)
VI = 1.2 V,
IO = 10 mA to 90 mA
0.25%
NOTE 1: Line and load regulation is measured as a percentage deviation from the nominal value (i.e., as percentage deviation from the nominal
output voltage). For line regulation, x %/V stands for
±x% change of the nominal output voltage per 1-V change on the input/supply
voltage. For load regulation, y% stands for
±y% change of the nominal output voltage per the specified current change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com