Electronic Components Datasheet Search
  English  ▼

X  

TPS61007DGS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61007DGS
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61007DGS Datasheet(HTML) 1 Page - Texas Instruments

  TPS61007DGS Datasheet HTML 1Page - Texas Instruments TPS61007DGS Datasheet HTML 2Page - Texas Instruments TPS61007DGS Datasheet HTML 3Page - Texas Instruments TPS61007DGS Datasheet HTML 4Page - Texas Instruments TPS61007DGS Datasheet HTML 5Page - Texas Instruments TPS61007DGS Datasheet HTML 6Page - Texas Instruments TPS61007DGS Datasheet HTML 7Page - Texas Instruments TPS61007DGS Datasheet HTML 8Page - Texas Instruments TPS61007DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Start-Up Into a Full Load With Supply
Voltages as Low as 0.9 V Over Full
Temperature Range
D Minimum 100-mA Output Current From
0.8-V Supply Voltage, 250 mA From 1.8 V
D High Power Conversion Efficiency,
up to 90%
D Power-Save Mode for Improved Efficiency
at Low Output Currents
D Device Quiescent Current Less Than 50 µA
D Added System Security With Integrated
Low-Battery Comparator
D Low-EMI Converter (Integrated Antiringing
Switch Across Inductor)
D Micro-Size 10-Pin MSOP Package
D Evaluation Modules Available
(TPS6100xEVM–156)
D Applications Include:
– Single- and Dual-Cell Battery Operated
Products
– MP3-Players and Wireless Headsets
– Pagers and Cordless Phones
– Portable Medical Diagnostic Equipment
– Remote Controls
·
description
The TPS6100x devices are boost converters intended for systems that are typically operated from a single- or
dual-cell nickel-cadmium (NiCd), nickel-metal hydride (NiMH), or alkaline battery. The converter output voltage
can be adjusted from 1.5 V to a maximum of 3.3 V and provides a minimum output current of 100 mA from a
single battery cell and 250 mA from two battery cells. The converter starts up into a full load with a supply voltage
of 0.9 V and stays in operation with supply voltages as low as 0.8 V.
The converter is based on a fixed-frequency, current-mode pulse-width-modulation (PWM) controller that goes
into power-save mode at low load currents. The current through the switch is limited to a maximum of 1100 mA,
depending on the output voltage. The current sense is integrated to further minimize external component count.
The converter can be disabled to minimize battery drain when the system is put into standby.
A low-EMI mode is implemented to reduce interference and radiated electromagnetic energy that is caused by
the ringing of the inductor when the inductor discharge-current decreases to zero. The device is packaged in
the space-saving 10-pin MSOP package.
5
6
TPS61006
9
8
1
10
3
2
7
4
SW
VBAT
LBI
NC
EN
VOUT
LBO
FB
COMP
GND
Low Battery
Warning
R4
10 k
Ω
R3
ON
OFF
R2
R1
Ci
10
µF
L1
D1
VO = 3.3 V
C1
100 pF
C2
33 nF
Co
22
µF
33
µH
2
02
4
6
8
10
12
3
TPS61006
START-UP TIMING INTO 33-
Ω LOAD
14
16
18
20
1
0
VOUT
EN
IOUT
80
60
20
100
120
140
0
40
Time – ms
TYPICAL APPLICATION CIRCUIT FOR FIXED
OUTPUT VOLTAGE OPTION
Copyright
 2000–2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPS61007DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61007DGS TI1-TPS61007DGS Datasheet
997Kb / 26P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61007DGS TI2-TPS61007DGS Datasheet
910Kb / 27P
TPS6100x Single- and Dual-Cell Boost Converter With Start-up Into Full Load
REVISED AUGUST 2015
TPS61007DGS.A TI2-TPS61007DGS.A Datasheet
910Kb / 27P
TPS6100x Single- and Dual-Cell Boost Converter With Start-up Into Full Load
REVISED AUGUST 2015
TPS61007DGSG4 TI1-TPS61007DGSG4 Datasheet
997Kb / 26P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61007DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Linear Technology
LT3572 LINER-LT3572 Datasheet
161Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
500-mA - Adjustable Boost Converter for Single or Dual Cell
03-Aug-09
logo
Texas Instruments
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
Low Start-up Voltage Boost Converter with Four SPDT Switches
logo
Linear Technology
LT3572 LINER-LT3572_15 Datasheet
160Kb / 12P
Dual Full-Bridge Piezo Driver with 900mA Boost Converter
logo
Texas Instruments
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
Single- and Dual-Cell Boost Converter
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
High-Efficiency, 1-Cell and 2-Cell Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com