Electronic Components Datasheet Search
  English  ▼

X  

TPS61007DGS Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61007DGS
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61007DGS Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61007DGS Datasheet HTML 8Page - Texas Instruments TPS61007DGS Datasheet HTML 9Page - Texas Instruments TPS61007DGS Datasheet HTML 10Page - Texas Instruments TPS61007DGS Datasheet HTML 11Page - Texas Instruments TPS61007DGS Datasheet HTML 12Page - Texas Instruments TPS61007DGS Datasheet HTML 13Page - Texas Instruments TPS61007DGS Datasheet HTML 14Page - Texas Instruments TPS61007DGS Datasheet HTML 15Page - Texas Instruments TPS61007DGS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
0.60
0.65
0.70
0.75
0.80
0.85
0.90
010
20
100
VO = min 3.2 V
MINIMUM START-UP INPUT VOLTAGE
vs
LOAD CURRENT
IO – Load Current – mA
30
40
50
60
70
80
90
Figure 12
0
0.5
1
1.5
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VI = 1.2 V
TPS61000, TPS61007
SWITCH CURRENT LIMIT
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
Figure 13
3.28
3.26
3.22
3.18
3.30
3.32
TPS61006
OUTPUT VOLTAGE RIPPLE AMPLITUDE
3.34
3.24
3.20
IO = 2 mA
Time – ms
01
5
4
3
2
Figure 14
3.30
01
2
3
3.32
3.34
3.36
45
TPS61006
OUTPUT VOLTAGE RIPPLE AMPLITUDE
2
0
Time –
µs
VI = 1.2 V
VSW
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com