Electronic Components Datasheet Search
  English  ▼

X  

TPS61007DGS Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61007DGS
Description  SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61007DGS Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61007DGS Datasheet HTML 4Page - Texas Instruments TPS61007DGS Datasheet HTML 5Page - Texas Instruments TPS61007DGS Datasheet HTML 6Page - Texas Instruments TPS61007DGS Datasheet HTML 7Page - Texas Instruments TPS61007DGS Datasheet HTML 8Page - Texas Instruments TPS61007DGS Datasheet HTML 9Page - Texas Instruments TPS61007DGS Datasheet HTML 10Page - Texas Instruments TPS61007DGS Datasheet HTML 11Page - Texas Instruments TPS61007DGS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006, TPS61007
SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279C – MARCH 2000 – REVISED APRIL 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VBAT = 1.2 V, EN
= VBAT (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I
Quiescent current drawn from power source
IO = 0 mA, VEN = VI,
VBAT
44
A
IQ
Quiescent current drawn from ower source
(current into VBAT and into VOUT)
IO 0 mA, VEN VI,
VO = 3.4 V
VOUT
6
µA
ISD
Shutdown current from power source
(current into VBAT and into VOUT)
VEN = 0 V
0.2
5
µA
VIL
EN low-level input voltage
0.2
×
VBAT
V
VIH
EN high-level input voltage
0.8
×
VBAT
V
EN input current
EN = GND or VBAT
0.1
1
µA
VIL
LBI low-level input voltage threshold
VLBI voltage decreasing
470
500
530
mV
LBI input hysteresis
10
mV
II
LBI input current
0.01
0.1
µA
VOL
LBO low-level output voltage
VLBI = 0 V, VO = 3.3 V, IOL = 50 µA
0.04
0.2
V
LBO output leakage current
VLBI = 650 mV, VLBO = 3.3 V
0.01
1
µA
IFB
FB input bias current (TPS61000, TPS61007 only)
VFB = 500 mV
0.01
0.1
µA
PARAMETER MEASUREMENT INFORMATION
List of Components:
IC1:
Only fixed output versions
(unless otherwise noted)
L1:
Coilcraft DO3308P–333
D1:
Motorola Schottky Diode
MBRM120LT3
CI:
Ceramic
CO: Ceramic
5
6
TPS6100x
9
8
1
10
3
2
7
4
SW
VBAT
LBI
NC/FBGND
EN
VOUT
LBO
FB
COMP
GND
Low Battery
Warning
R4
10 k
Ω
R3
ON
OFF
R2
R1
Ci
10
µF
L1
D1
C1
100 pF
C2
33 nF
Co
22
µF
33
µH
Figure 1. Circuit Used for Typical Characteristics Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com