Electronic Components Datasheet Search
  English  ▼

X  

TSB42AB4 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TSB42AB4
Description  IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB42AB4 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TSB42AB4 Datasheet HTML 34Page - Texas Instruments TSB42AB4 Datasheet HTML 35Page - Texas Instruments TSB42AB4 Datasheet HTML 36Page - Texas Instruments TSB42AB4 Datasheet HTML 37Page - Texas Instruments TSB42AB4 Datasheet HTML 38Page - Texas Instruments TSB42AB4 Datasheet HTML 39Page - Texas Instruments TSB42AB4 Datasheet HTML 40Page - Texas Instruments TSB42AB4 Datasheet HTML 41Page - Texas Instruments TSB42AB4 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 183 page
background image
3−13
In multistream mode multiple data streams can be routed through a single high-speed data interface into
different internal buffers. A three-bit buffer address is externally supplied on the HSDIx_A[2:0] pins. For both
transmit and receive operations, this address is synchronous to the eight-bit HSDIx_D[7:0]. This address
determines which buffer is accessed. The data must be written as complete packets. Different data types
can not be mixed within packet boundaries.
The data streams on a single HSDI port can be of a different nature. For example, an asynchronous data
stream can be routed to buffer 0, and two MPEG streams can be routed to buffer 1 and 2 respectively. The
stream type is indicated by the buffer that is being addressed and the associated configuration.
This mode has been verified in design simulation only.
3.2.2.2
Single-Stream Mode (default mode)
The HSDI can be lined to a single transmit and signal receive buffer. The HSDIx_RW signal determines
which buffer is accessed. Figure 3−14 shows an example for an application that operates both high-speed
data interfaces in single-stream transmit mode. In this example the two HSDI modules are connected to
external devices that supply a single type of data stream each. The two data streams are routed into two
different transmit buffers.
Set Top Box
HSDIB
HSDIA
Graphics
Engine
MPEG2
Demux
Buffer
4
Buffer
0
HCDB
TSB42AA4/TSB42AB4
Figure 3−14. HSDI Single-Stream Mode Example
When operated in transmit mode, the targeted transmit FIFO is programmed in a CFR. All of the data
presented to the HSDI interface is routed to this buffer. No externally supplied HSDIx_A[2:0] lines are
needed.
When operated in receive mode, the targeted receive buffer is programmed in a CFR. The interface outputs
only data received in this buffer. The HSDIx_A[2:0] lines are not driven.
In single-stream mode, each HSDI can receive one stream and transmit one stream. The HSDIx_RW signal
is used to determine which buffer is accessed.
3.2.3
Data Block Synchronization Modes
The HSDI ports also allow the user to select between three different modes of identifying boundaries of data
blocks when reading or writing to the HSDI ports. The synchronization mode is defined in the HSDI
configuration registers. One mode can be defined per HSDI.
Data block boundaries are defined as the first and last bytes of a block of data that is input to or output from
the HSDI port. Boundaries must be known by the link layer for several reasons; in order to determine when
to insert a time stamp for MPEG2 type data, to distinguish between separate data blocks in a given transmit
or receive FIFO, and to know when to add the 1394 header information and begin transmitting. Similar
boundary considerations exist when reading data from the HSDI. Table 3−6 categorizes the synchronization
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com