Electronic Components Datasheet Search
  English  ▼

X  

TSB42AB4 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TSB42AB4
Description  IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB42AB4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSB42AB4 Datasheet HTML 17Page - Texas Instruments TSB42AB4 Datasheet HTML 18Page - Texas Instruments TSB42AB4 Datasheet HTML 19Page - Texas Instruments TSB42AB4 Datasheet HTML 20Page - Texas Instruments TSB42AB4 Datasheet HTML 21Page - Texas Instruments TSB42AB4 Datasheet HTML 22Page - Texas Instruments TSB42AB4 Datasheet HTML 23Page - Texas Instruments TSB42AB4 Datasheet HTML 24Page - Texas Instruments TSB42AB4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 183 page
background image
2−10
2.5.1.3
High-Speed Data Interface (continued)
NAME
PDT PIN NO.
PGE PIN NO.
I/O
DESCRIPTION
HSDIA_ENZ
21
23
I
HSDIA port access enable. Used to indicate valid data
for 1394 transmit (host write) or 1394 receive (host read)
operations. Asserting HSDIA_ENZ during host writes
latches the data on the next HSDIA_CLK rising edge.
Asserting HSDIA_ENZ during host reads, presents
received 1394 data from internal buffers on the next
HSDIA_CLK rising edge.
HSDIA_ENZ polarity is programmable and defaults to
active high.
HSDIB_ENZ
121
135
I
HSDIB port access enable. Used to indicate valid data
for 1394 transmit (host write) operations or 1394 receive
(host read) operations. Asserting HSDIB_ENZ during
host writes latches the data on the next HSDIB_CLK
rising edge. Asserting HSDIB_ENZ during host reads
presents received 1394 data from internal buffers on the
next HSDIB_CLK rising edge.
HSDIB_ENZ polarity is programmable and defaults to
active high.
2.5.1.4
Microcontroller Interface (MCIF)†
NAME
PDT PIN NO.
PGE PIN NO.
I/O
DESCRIPTION
INT
42
48
O
Interrupt. This is the ceLynx interrupt output to the host.
This signal is active-low. When this pin is not used, add a
weak pull-up (1 k
Ω to 10 kΩ).
MCIF_A[9:1]
65, 66, 67, 68,
70, 71, 72, 73,
74
75, 76, 77, 78,
80, 81, 82, 83,
84
I
Microcontroller interface address bus. MCIF_A9 is the
MSB and MCIF_A1 is the LSB. Users should connect their
LSB+1 address pin to MCIF_A1 (byte access is not
allowed).
MCIF_ACKZ
38
44
O
Acknowledge signal. Indicates to the host controller the
completion of the current read or write access.
When MCIF_ACKZ asserts (low) during host writes, data
has been successfully written to the specified address.
When MCIF_ACKZ asserts (low) during host reads, this
indicates that data is valid and may be read by the host.
The MCIF_ACKZ polarity is programmable and defaults to
active low. When this pin is not used, add a weak pull-up (1
k
Ω to 10 kΩ).
MCIF_CSZ
37
43
I
ceLynx chip select. Enables the ceLynx to perform read or
write transactions on the microcontroller interface. The
MCIF_CSZ polarity is programmable and defaults to active
low.
MCIF_D[15:0]
44, 45, 46, 49,
50, 51, 52, 53,
55, 56, 57, 58,
60, 61, 62, 63
50, 51, 52, 55,
56, 57, 58, 59,
61, 62, 63, 64,
66, 67, 68, 69
I/O
Microcontroller
interface
bidirectional
data
bus.
MCIF_D15 is the MSB on this bus, and MCIF_D0 is the
LSB.
MCIF_RWZ
35
41
I
Read/write indicator. Indicates whether the current
pending access is a read or a write.
MCIF_RWZ polarity is programmable and defaults to
active high during read operations and active low during
write operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com