Electronic Components Datasheet Search
  English  ▼

X  

TSB42AB4 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TSB42AB4
Description  IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB42AB4 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TSB42AB4 Datasheet HTML 42Page - Texas Instruments TSB42AB4 Datasheet HTML 43Page - Texas Instruments TSB42AB4 Datasheet HTML 44Page - Texas Instruments TSB42AB4 Datasheet HTML 45Page - Texas Instruments TSB42AB4 Datasheet HTML 46Page - Texas Instruments TSB42AB4 Datasheet HTML 47Page - Texas Instruments TSB42AB4 Datasheet HTML 48Page - Texas Instruments TSB42AB4 Datasheet HTML 49Page - Texas Instruments TSB42AB4 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 183 page
background image
3−21
ceLynx always generates the clock at the SCL line. The data at the SDA line has to be changed in the low
phase of the clock only. Changing the SDA line in the clock-high-phase is interpreted as start- or
stop-condition.
The first byte sent by ceLynx is the device address of the EEPROM. The data transfer begins with 8 bits
of data and a 1-bit ACK. The ACK is given by the receiving unit. ceLynx generates a stop-condition to end
the communication.
Start/Stop-Condition
SDA
Timing: Data-Transfer and Acknowledge
Start-
Condition
Stop-
Condition
SCL
SCL from Master
Data from Transmitter
Data from Receiver
1
ACK
LSB
MSB
9
8
2
Figure 3−26. Two-Wire Serial Interface Bus Protocol
3.4.2
ceLynx/Two-Wire Serial-Interface EEPROM Protocol
Definitions:
MASTER: ceLynx
SLAVE:
EEPROM
0 1
1
0
0
0 0 d
Read (1)
Write (0)
MSB
LSB
Device-Address Format
Figure 3−27. EEPROM Protocol Device Address Format
This operation sets the internal address counter of the EEPROM. Any read operation after that starts at the
specified address.
Start
1 0
S
0
1
0 0 0
A
1
A
A
P
N
Device-Address
and Read
1st data byte
2nd data byte
nth (last) data byte
Slave
Master
ACK
read
ACK
ACK
Stop
no ACK
Typical Read Operation
Figure 3−28. EEPROM Protocol Typical Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com