Electronic Components Datasheet Search
  English  ▼

X  

TSB42AB4 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TSB42AB4
Description  IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB42AB4 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TSB42AB4 Datasheet HTML 86Page - Texas Instruments TSB42AB4 Datasheet HTML 87Page - Texas Instruments TSB42AB4 Datasheet HTML 88Page - Texas Instruments TSB42AB4 Datasheet HTML 89Page - Texas Instruments TSB42AB4 Datasheet HTML 90Page - Texas Instruments TSB42AB4 Datasheet HTML 91Page - Texas Instruments TSB42AB4 Datasheet HTML 92Page - Texas Instruments TSB42AB4 Datasheet HTML 93Page - Texas Instruments TSB42AB4 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 183 page
background image
5−25
The user should not enable the insert packet control token on receive.
Either the host or HSDI can access the data buffer. The host can access the data
buffer through the DB(N)ACC0 register for the associated buffer.
5.5.5
DV Transmit
For DV transmit, ceLynx can be configured to include any of the four 1394 DV headers. The
TXDP(N)CFG.HIM
control
bit
automatically
inserts
the
necessary
headers
as
specified
by
DB(N)CFG0.STREAMTYPE.
ceLynx
automatically
inserts
the
H0
DIF
block
header
if
the
TXDP(N)CFG.H0IM bit is selected.
Table 5−22. DV TX Headers
DV TRANSMIT
PACKET HEADERS
REGISTERS USED TO
INSERT HEADERS
DEFAULT VALUES
FOR DV TX
ISO HEADER
TXDP(N)H0
0008 40A0
CIP0
TXDP(N)H1
0078 0000
CIP1
TXDP(N)H2
8000 FFFF
DV_H0
TXDP(N)H3
0000 0000
DV_H1
TXDP(N)H4
0000 0000
NOTE:
The application must supply quadlet-aligned data in DV transmit mode. No padding
bits is added.
The host can access the data buffer through the DB(N)ACC0 and DB(N)ACC1
registers for the associated buffer. The host should write all transmit quadlets
except the last to the DB(N)ACC0 register. The host should write the last transmit
quadlet to the DB(N)ACC1 register.
5.6
PHY Configuration Packet
The format of the PHY configuration packet is shown in Figure 5−27 and is described in Table 5−26. The
PHY configuration packet transmit contains two quadlets, which are loaded into the selected data buffer.
The default data buffer for asynchronous transmit is buffer 4 and is accessed by the microprocessor. The
first quadlet is written to the DB(N)ACC0 register for the appropriate data buffer. The last quadlet is written
to the DB(N)ACC1 register for the appropriate data buffer. The 0x00E0 in the first quadlet tells ceLynx that
this quadlet is the PHY configuration packet. The 0xE is then replaced with 0x0 before the packet is
transmitted to the PHY interface.
ROOT_ID
30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
31
00
1
GAP_CNT
logical inverse of first 16 bits of first quadlet
T
R0
0
0
0
0
0
0
01
10
0
0
0
0
1
1
1
11
1 1
1
1
111
11 1 1
Figure 5−25. PHY Configuration Packet Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com