Electronic Components Datasheet Search
  English  ▼

X  

AP3036 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3036
Description  WHITE LED STEP-UP CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3036 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3036 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary Datasheet
WHITE LED STEP-UP CONVERTER
AP3036/A
Jul. 2012
Rev. 1.3.
BCD Semiconductor Manufacturing Limited
5
Electrical Characteristics
VIN =3V, VCTRL=3V, TA=25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Minimum Operating Voltage
VIN (Min)
2.5
V
Maximum Operating Voltage
VIN (Max)
16
Feedback Voltage
VFB
AP3036
IOUT=20mA, 4 LEDs
188
200
212
mV
AP3036A
235
250
265
FB Pin Bias Current
IFB
35
100
nA
Quiescent Current
IQ
VFB=VIN,
No
Switching
1.6
3.1
3.9
mA
Shutdown Quiescent Current
ISHDN
VCTRL=0V
45
75
µA
Switching Frequency
f
1.0
MHz
Maximum Duty Cycle
DMAX
90
93
%
Switch Current Limit (Note 2)
ILIMIT
D=40% or 80%
550
mA
Switch VCE Saturation Voltage
VCESAT
ISW=250mA
360
mV
Switch Leakage Current
VSW=5V
0.01
5
µA
CTRL Pin Voltage
VCTRL
High
1.8
V
Low
0.4
CTRL Pin Bias Current
ICTRL
100
µA
OVP Voltage
VOV
30
V
Schottky Forward Drop
VDROP
ID=150mA
0.7
V
Schottky Leakage Current
VR(Reverse
Voltage)=23V
0.1
4
µA
VR(Reverse
Voltage)=27V
150
Soft Start Time
t
100
µs
Thermal Resistance
(Junction to Case)
θ
JC
SOT-23-6
60
°C/W
TSOT-23-6
60
Note 2: The switch current limit is related to duty cycle. Please refer to Figure 16 for detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com