Electronic Components Datasheet Search
  English  ▼

X  

AP3036 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP3036
Description  WHITE LED STEP-UP CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3036 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3036 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Preliminary Datasheet
WHITE LED STEP-UP CONVERTER
AP3036/A
Jul. 2012
Rev. 1.3.
BCD Semiconductor Manufacturing Limited
10
Typical Performance Characteristics (Continued)
The WLED forward voltage (VF) is 3.45V at IF=20mA, unless otherwise noted.
Time
1
µs/div
Time
10
µs/div
Figure 20. Output Voltage Ripple
Figure 21. PWM Dimming
(VIN=VCTRL=3.6V, ILED=20mA, 5 LEDs)
(VIN=3.6V, VPWM=2.5V, fPWM=100kHz, Duty=50%, 5 LEDs)
VIN
2V/div
VSW
10V/div
VOUT1(AC)
100mV/div
IL
100mA/div
VIN
2V/div
VSW
10V/div
VOUT
10V/div
ILED
10mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com