Electronic Components Datasheet Search
  English  ▼

X  

AP3036 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3036
Description  WHITE LED STEP-UP CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3036 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3036 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary Datasheet
WHITE LED STEP-UP CONVERTER
AP3036/A
Jul. 2012
Rev. 1.3.
BCD Semiconductor Manufacturing Limited
7
-40
0
40
80
120
160
300
400
500
600
Temperature (
OC)
V
IN
=3.6V
0
100
200
300
400
500
0
100
200
300
400
500
600
700
800
Switch Current (mA)
V
IN
=V
CRTL
=3.6V
-40
0
40
80
120
160
0.0
0.4
0.8
1.2
Temperature (
OC)
V
IN
=3.6V, 5 LEDs
Rising
Down
-40
0
40
80
120
160
100
150
200
250
300
Temperature (
OC)
V
IN
=3.6V, 5 LEDs
AP3036
AP3036A
Typical Performance Characteristics (Continued)
The WLED forward voltage (VF) is 3.45V at IF=20mA, unless otherwise noted.
Figure 8. Feedback Voltage vs. Temperature
Figure 9. Current Limit vs. Temperature
Figure 10. Saturation Voltage vs. Switch Current
Figure 11. CTRL Pin Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com