Electronic Components Datasheet Search
  English  ▼

X  

AP3036 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3036
Description  WHITE LED STEP-UP CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3036 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3036 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3036 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary Datasheet
WHITE LED STEP-UP CONVERTER
AP3036/A
Jul. 2012
Rev. 1.3.
BCD Semiconductor Manufacturing Limited
1
General Description
The
AP3036/A
is
an
inductor-based
DC/DC
converter designed to drive up to eight white LEDs in
series for backlight. Only one feedback resistor is
needed to control the LED current and obtain
required brightness.
A constant frequency 1.0MHz PWM control scheme
is employed in this IC, which means tiny external
components can be used. Specifically, 1mm tall
inductor and 0.22
µF output capacitor for a typical
application is sufficient. Additionally, the Schottky
diode in boost circuit is integrated on this chip. The
AP3036/A also provides a disable pin to ease its use
for different systems.
The output over-voltage protection is implemented in
AP3036/A. When any LED is broken or in other
abnormal conditions, the output voltage will be
clamped.
The AP3036/A is available in standard SOT-23-6 and
TSOT-23-6 packages.
Features
•
Inherently Uniform LED Current
•
High Efficiency up to 84%
•
No Need for External Schottky Diode
•
Output Over-voltage Protection (OVP)
•
Fixed 1.0MHz Switching Frequency
•
Uses Tiny 1mm Tall Inductor
•
Requires Only 0.22
µF Output Capacitor
•
High Frequency Dimming Control
Applications
•
Cellular Phones
•
Digital Cameras
•
LCD Modules
•
GPS Receivers
•
PDAs, Handheld Computers
Figure 1. Package Types of AP3036/A
SOT-23-6
TSOT-23-6


Similar Part No. - AP3036

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3036AKTR-G1 BCDSEMI-AP3036AKTR-G1 Datasheet
406Kb / 14P
WHITE LED STEP-UP CONVERTER
AP3036AKTTR-G1 BCDSEMI-AP3036AKTTR-G1 Datasheet
406Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
logo
BCD Semiconductor Manuf...
AP3036KTR-G1 BCDSEMI-AP3036KTR-G1 Datasheet
406Kb / 14P
WHITE LED STEP-UP CONVERTER
AP3036KTTR-G1 BCDSEMI-AP3036KTTR-G1 Datasheet
406Kb / 14P
WHITE LED STEP-UP CONVERTER
More results

Similar Description - AP3036

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com