Electronic Components Datasheet Search
  English  ▼

X  

NPXH Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPXH
Description  Interference Suppression Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPXH Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPXH Datasheet HTML 1Page - NIC-Components Corp. NPXH Datasheet HTML 2Page - NIC-Components Corp. NPXH Datasheet HTML 3Page - NIC-Components Corp. NPXH Datasheet HTML 4Page - NIC-Components Corp. NPXH Datasheet HTML 5Page - NIC-Components Corp. NPXH Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Interference Suppression Capacitor
NPXH Series
Part Number
Cap. Value
(μF)
Capacitance
Code
Capacitance
Tolerance
L
±1.0
H
±1.0
T
±1.0
LS
±1.0
LD
±0.05
Packaging Quantity
Bulk
T&B
NPXH102K330VX2N1F
0.0010
102
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH102K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH102K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH122K330VX2N1F
0.0012
122
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH152K330VX2N1F
0.0015
152
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH152K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH152K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH182K330VX2N1F
0.0018
182
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH222K330VX2N1F
0.0022
222
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH222K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH222K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH272K330VX2N1F
0.0027
272
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH272K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH272K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH332K330VX2N1F
0.0033
332
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH332K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH332K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH392K330VX2N1F
0.0039
392
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH392K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH392K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH472K330VX2N1F
0.0047
472
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH472K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH472K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH562K330VX2N1F
0.0056
562
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH562K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH562K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH682K330VX2N1F
0.0068
682
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH682K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH682K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH822K330VX2N1F
0.0082
822
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH822K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH822K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH103K330VX2N1F
0.010
103
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH103K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
9.0
4.0
10.0
0.6
500
650
NPXH103K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH103K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH103K330VX2N5F
±5% (J), ±10% (K), ±20% (M) 18.0
13.5
6.0
15.0
0.6
500
400
NPXH123K330VX2N1F
0.012
123
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH123K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH123K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH153K330VX2N1F
0.015
153
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH153K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH153K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 13.0
12.0
6.0
10.0
0.6
500
450
NPXH153K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH183K330VX2N1F
0.018
183
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH183K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH183K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.6
500
450
NPXH223K330VX2N1F
0.022
223
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH223K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH223K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 17.0
11.0
5.5
15.0
0.8
500
450
NPXH223K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.8
500
450
NPXH273K330VX2N1F
0.027
273
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH273K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH273K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.8
500
450
NPXH333K330VX2N1F
0.033
333
±5% (J), ±10% (K), ±20% (M) 10.5
9.0
4.0
7.5
0.6
1000
1300
NPXH333K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0
11.0
5.0
10.0
0.6
500
500
NPXH333K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.8
500
450
NPXH393K330VX2N1F
0.039
393
±5% (J), ±10% (K), ±20% (M) 18.0
11.0
5.0
15.0
0.8
500
450
STANDARD VALUES AND CASE SIZE (mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com