Electronic Components Datasheet Search
  English  ▼

X  

NPXH Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NPXH
Description  Interference Suppression Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPXH Datasheet(HTML) 6 Page - NIC-Components Corp.

  NPXH Datasheet HTML 1Page - NIC-Components Corp. NPXH Datasheet HTML 2Page - NIC-Components Corp. NPXH Datasheet HTML 3Page - NIC-Components Corp. NPXH Datasheet HTML 4Page - NIC-Components Corp. NPXH Datasheet HTML 5Page - NIC-Components Corp. NPXH Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Interference Suppression Capacitor
NPXH Series
B
C
A
AMMO PACK BOX DIMENSIONS
Item
Dimension (mm)
H
18.5 ± 1.0
Ld
0.60 ± 0.1
0.60/0.80 ± 0.1
LS
10.0 ± 1.0
15.0 ± 1.0
P
25.4 ± 1.5
P
1
12.7 ± 0.3
W
18.0 ± 1.0
f
D
1
4.0 ± 0.3
Item
Dimension (mm)
A
270
B
50
C
330
Item
Dimension (mm)
H
18.5 ± 1.0
Ld
0.60 ± 0.1
LS
7.5 ± 1.0
P
12.7 ± 1.5
P
1
12.7 ± 0.3
W
18.0 ± 1.0
f
D
1
4.0 ± 0.3
AMMO PACK (TB) TAPING DIMENSIONS
10 & 15mm LEAD SPACE
f
D
H
W
P
1
P
AMMO PACK (TB) TAPING DIMENSIONS
7.5mm LEAD SPACE
LS
Ld
f
D
H
W
P
1
P
LS
Ld



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com