Electronic Components Datasheet Search
  English  ▼

X  

NPXH Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPXH
Description  Interference Suppression Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPXH Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPXH Datasheet HTML 1Page - NIC-Components Corp. NPXH Datasheet HTML 2Page - NIC-Components Corp. NPXH Datasheet HTML 3Page - NIC-Components Corp. NPXH Datasheet HTML 4Page - NIC-Components Corp. NPXH Datasheet HTML 5Page - NIC-Components Corp. NPXH Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Interference Suppression Capacitor
NPXH Series
Part Number
Cap. Value
(μF)
Capacitance
Code
Capacitance
Tolerance
L
±1.0
H
±1.0
T
±1.0
LS
±1.0
LD
±0.05
Bulk Package Quantity
Bulk
T&B
NPXH473K330VX2N1F
0.047
473
±5% (J), ±10% (K), ±20% (M) 10.5 11.0
5.0
7.5
0.6
1000
1000
NPXH473K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0 11.0
5.0
10.0
0.6
500
500
NPXH473K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 13.0 12.0
6.0
10.0
0.6
500
450
NPXH473K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 18.0 11.0
5.0
15.0
0.8
500
450
NPXH563K330VX2N1F
0.056
563
±5% (J), ±10% (K), ±20% (M) 13.0 12.0
6.0
10.0
0.6
500
450
NPXH563K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0 11.0
5.0
10.0
0.6
500
500
NPXH563K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0 11.0
5.0
15.0
0.8
500
450
NPXH683K330VX2N1F
0.068
683
±5% (J), ±10% (K), ±20% (M) 10.5 12.0
6.0
7.5
0.6
500
800
NPXH683K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0 12.0
6.0
10.0
0.6
500
450
NPXH683K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 17.0 11.0
5.5
15.0
0.8
500
450
NPXH683K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 18.0 11.0
5.0
15.0
0.8
500
450
NPXH823K330VX2N1F
0.082
823
±5% (J), ±10% (K), ±20% (M) 13.0 12.0
6.0
10.0
0.6
500
450
NPXH823K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 17.0 11.0
5.5
15.0
0.8
500
450
NPXH104K330VX2N1F
0.10
104
±5% (J), ±10% (K), ±20% (M) 11.0 13.5
8.5
7.5
0.6
500
550
NPXH104K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0 12.0
6.0
10.0
0.6
500
450
NPXH104K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 13.0 14.0
8.0
10.0
0.6
500
300
NPXH104K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 17.0 11.0
5.5
15.0
0.6
500
450
NPXH104K330VX2N5F
±5% (J), ±10% (K), ±20% (M) 18.0 11.0
5.0
15.0
0.6
500
450
NPXH104K330VX2N6F
±5% (J), ±10% (K), ±20% (M) 25.0 14.5
6.0
22.5
0.8
200
N/A
NPXH124K330VX2N1F
0.12
124
±5% (J), ±10% (K), ±20% (M) 18.0 12.0
6.0
15.0
0.8
500
400
NPXH124K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 25.0 14.5
6.0
22.5
0.8
200
N/A
NPXH154K330VX2N1F
0.15
154
±5% (J), ±10% (K), ±20% (M) 10.0 14.0
9.5
7.5
0.6
500
550
NPXH154K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 13.0 12.0
6.0
10.0
0.6
500
450
NPXH154K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 13.0 14.0
8.0
10.0
0.6
500
300
NPXH154K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 18.0 13.5
6.0
15.0
0.8
500
400
NPXH154K330VX2N5F
±5% (J), ±10% (K), ±20% (M) 18.0 12.0
6.0
15.0
0.8
500
400
NPXH154K330VX2N6F
±5% (J), ±10% (K), ±20% (M) 25.0 14.5
6.0
22.5
0.8
200
N/A
NPXH184K330VX2N1F
0.18
184
±5% (J), ±10% (K), ±20% (M) 18.0 13.5
6.0
15.0
0.8
500
400
NPXH224K330VX2N1F
0.22
224
±5% (J), ±10% (K), ±20% (M) 13.0 14.0
8.0
10.0
0.6
500
300
NPXH224K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 17.0 15.5
7.5
15.0
0.8
500
300
NPXH224K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0 14.5
8.5
15.0
0.8
500
400
NPXH224K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 25.0 14.5
6.0
22.5
0.8
200
N/A
NPXH224K330VX2N5F
±5% (J), ±10% (K), ±20% (M) 25.0 17.5
8.0
22.5
0.8
200
N/A
NPXH274K330VX2N1F
0.27
274
±5% (J), ±10% (K), ±20% (M) 17.0 16.5
9.5
15.0
0.8
400
250
NPXH274K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 17.0 15.5
7.5
15.0
0.8
500
300
NPXH274K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 26.5 16.5
7.0
22.5
0.8
200
N/A
NPXH334K330VX2N1F
0.33
334
±5% (J), ±10% (K), ±20% (M) 13.0 14.0
8.0
10.0
0.6
500
300
NPXH334K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 17.0 15.5
7.5
15.0
0.8
500
300
NPXH334K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 17.0 16.5
9.5
15.0
0.8
400
250
NPXH334K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 26.5 16.5
7.0
22.5
0.8
200
N/A
NPXH334K330VX2N5F
±5% (J), ±10% (K), ±20% (M) 31.5 16.5
7.5
27.5
0.8
100
N/A
NPXH394K330VX2N1F
0.39
394
±5% (J), ±10% (K), ±20% (M) 17.0 19.0 11.0 15.0
0.8
200
200
NPXH394K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 26.5 17.0
8.5
22.5
0.8
200
N/A
NPXH474K330VX2N1F
0.47
474
±5% (J), ±10% (K), ±20% (M) 17.0 16.5
9.5
15.0
0.8
400
250
NPXH474K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 17.0 19.0 11.0 15.0
0.8
200
200
NPXH474K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 18.0 18.5 11.1 15.0
0.8
200
200
NPXH474K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 18.0 16.5
8.5
15.0
0.8
200
250
NPXH474K330VX2N5F
±5% (J), ±10% (K), ±20% (M) 26.5 17.0
8.5
22.5
0.8
200
N/A
NPXH474K330VX2N6F
±5% (J), ±10% (K), ±20% (M) 26.5 16.5
7.0
22.5
0.8
200
N/A
NPXH474K330VX2N7F
±5% (J), ±10% (K), ±20% (M) 31.5 16.5
7.5
27.5
0.8
100
N/A
NPXH474K330VX2N8F
±5% (J), ±10% (K), ±20% (M) 31.5 20.0 11.0 27.5
0.8
100
N/A
NPXH524K330VX2N1F
0.52
524
±5% (J), ±10% (K), ±20% (M) 25.0 19.0
8.5
22.5
0.8
200
N/A
NPXH564K330VX2N1F
0.56
564
±5% (J), ±10% (K), ±20% (M) 17.0 19.0 11.0 15.0
0.8
200
200
NPXH564K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 18.0 18.5 11.1 15.0
0.8
200
200
NPXH564K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 26.5 17.0
8.5
22.5
0.8
200
N/A
NPXH564K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 26.5 19.0 10.0 22.5
0.8
200
N/A
NPXH564K330VX2N5F
±5% (J), ±10% (K), ±20% (M) 31.5 20.0 11.0 27.5
0.8
100
N/A
NPXH604K330VX2N1F
0.60
604
±5% (J), ±10% (K), ±20% (M) 31.5 20.0 11.0 27.5
0.8
100
N/A
STANDARD VALUES AND CASE SIZE (mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com