Electronic Components Datasheet Search
  English  ▼

X  

NPXH Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPXH
Description  Interference Suppression Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPXH Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPXH Datasheet HTML 1Page - NIC-Components Corp. NPXH Datasheet HTML 2Page - NIC-Components Corp. NPXH Datasheet HTML 3Page - NIC-Components Corp. NPXH Datasheet HTML 4Page - NIC-Components Corp. NPXH Datasheet HTML 5Page - NIC-Components Corp. NPXH Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Interference Suppression Capacitor
NPXH Series
Part Number
Cap. Value
(μF)
Capacitance
Code
Capacitance
Tolerance
L
±1.0
H
±1.0
T
±1.0
LS
±1.0
LD
±0.05
Bulk Package Quantity
Bulk
T&B
NPXH684K330VX2N1F
0.68
684
±5% (J), ±10% (K), ±20% (M) 17.0 19.0 11.0 15.0
0.8
200
200
NPXH684K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 18.0 18.5 11.1 15.0
0.8
200
200
NPXH684K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 25.0 17.0
8.5 22.5
0.8
200
N/A
NPXH684K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 26.5 19.0 10.0 22.5
0.8
200
N/A
NPXH684K330VX2N5F
±5% (J), ±10% (K), ±20% (M) 31.5 20.0 11.0 27.5
0.8
100
N/A
NPXH824K330VX2N1F
0.82
824
±5% (J), ±10% (K), ±20% (M) 18.0 18.0 10.0 15.0
0.8
200
250
NPXH824K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 26.5 19.0 10.0 22.5
0.8
200
N/A
NPXH824K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 31.5 20.0 11.0 27.5
0.8
100
N/A
NPXH105K330VX2N1F
1.0
105
±5% (J), ±10% (K), ±20% (M) 18.0 18.5 11.1 22.5
0.8
200
N/A
NPXH105K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 26.0 21.5 12.0 22.5
0.8
100
N/A
NPXH105K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 26.5 19.0 10.0 22.5
0.8
200
N/A
NPXH105K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 30.0 21.0 12.0 27.5
0.8
100
N/A
NPXH105K330VX2N5F
±5% (J), ±10% (K), ±20% (M) 31.5 22.5 13.0 27.5
0.8
100
N/A
NPXH105K330VX2N6F
±5% (J), ±10% (K), ±20% (M) 37.0 24.0 13.5 32.5
0.8
50
N/A
NPXH125K330VX2N1F
1.2
125
±5% (J), ±10% (K), ±20% (M) 31.5 22.5 13.0 27.5
0.8
100
N/A
NPXH125K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 37.0 24.0 13.5 32.5
0.8
50
N/A
NPXH155K330VX2N1F
1.5
155
±5% (J), ±10% (K), ±20% (M) 25.0 23.5 14.0 22.5
0.8
100
N/A
NPXH155K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 31.5 22.5 13.0 27.5
0.8
100
N/A
NPXH155K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 31.5 25.0 14.0 27.5
0.8
100
N/A
NPXH155K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 36.0 24.0 13.5 32.5
0.8
50
N/A
NPXH185K330VX2N1F
1.8
185
±5% (J), ±10% (K), ±20% (M) 31.5 22.5 13.5 27.5
0.8
100
N/A
NPXH185K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 37.0 26.5 16.0 32.5
0.8
50
N/A
NPXH185K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 41.0 26.0 12.0 37.5
1.0
50
N/A
NPXH205K330VX2N1F
2.0
205
±5% (J), ±10% (K), ±20% (M) 26.0 25.0 15.0 22.5
0.8
50
N/A
NPXH205K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 32.0 28.0 18.0 27.5
0.8
100
N/A
NPXH205K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 31.5 25.0 14.0 27.5
0.8
100
N/A
NPXH205K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 41.0 26.0 12.0 37.5
1.0
300
N/A
NPXH205K330VX2N5F
±5% (J), ±10% (K), ±20% (M) 41.0 28.0 14.0 37.5
1.0
250
N/A
NPXH225K330VX2N1F
2.2
225
±5% (J), ±10% (K), ±20% (M) 26.0 25.0 15.0 22.5
0.8
100
N/A
NPXH225K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 31.5 25.0 14.0 27.5
0.8
100
N/A
NPXH225K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 32.0 28.0 18.0 27.5
0.8
50
N/A
NPXH225K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 37.0 26.5 16.0 32.5
0.8
50
N/A
NPXH225K330VX2N5F
±5% (J), ±10% (K), ±20% (M) 41.0 26.0 12.0 37.5
1.0
300
N/A
NPXH225K330VX2N6F
±5% (J), ±10% (K), ±20% (M) 41.0 28.0 14.0 37.5
1.0
250
N/A
NPXH275K330VX2N1F
2.7
275
±5% (J), ±10% (K), ±20% (M) 31.0 31.0 22.0 27.5
0.8
200
N/A
NPXH275K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 37.0 28.5 18.0 32.5
0.8
200
N/A
NPXH275K330VX2N5F
±5% (J), ±10% (K), ±20% (M) 41.0 28.0 14.0 37.5
1.0
250
N/A
NPXH335K330VX2N1F
3.3
335
±5% (J), ±10% (K), ±20% (M) 32.0 28.0 18.0 27.5
0.8
50
N/A
NPXH335K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 35.5 31.0 20.0 32.5
1.0
200
N/A
NPXH335K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 41.0 30.0 16.0 37.5
1.0
200
N/A
NPXH335K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 51.0 27.5 17.5 47.5
1.0
170
N/A
NPXH395K330VX2N1F
3.9
395
±5% (J), ±10% (K), ±20% (M) 41.0 32.0 17.0 37.5
1.0
200
N/A
NPXH395K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 51.0 27.5 17.5 47.5
1.0
170
N/A
NPXH475K330VX2N1F
4.7
475
±5% (J), ±10% (K), ±20% (M) 31.0 31.0 22.0 27.5
0.8
200
N/A
NPXH475K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 37.0 34.0 22.0 32.5
0.8
180
N/A
NPXH475K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 41.0 33.5 19.5 37.5
1.0
196
N/A
NPXH475K330VX2N4F
±5% (J), ±10% (K), ±20% (M) 51.0 30.5 20.0 47.5
1.0
200
N/A
NPXH565K330VX2N1F
5.6
565
±5% (J), ±10% (K), ±20% (M) 31.0 31.0 22.0 27.5
0.8
200
N/A
NPXH565K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 41.0 37.0 22.0 37.5
1.0
150
N/A
NPXH565K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 51.0 34.0 22.0 47.5
1.0
132
N/A
NPXH685K330VX2N1F
6.8
685
±5% (J), ±10% (K), ±20% (M) 41.0 37.0 22.0 37.5
1.0
150
N/A
NPXH685K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 51.0 34.0 22.0 47.5
1.0
132
N/A
NPXH825K330VX2N1F
8.2
825
±5% (J), ±10% (K), ±20% (M) 41.5 41.0 27.5 37.5
1.0
140
N/A
NPXH825K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 51.0 43.5 29.0 47.5
1.0
100
N/A
NPXH106K330VX2N1F
10.0
106
±5% (J), ±10% (K), ±20% (M) 41.0 43.0 28.0 37.5
1.0
120
N/A
NPXH106K330VX2N2F
±5% (J), ±10% (K), ±20% (M) 51.0 43.5 29.0 47.5
1.0
100
N/A
NPXH106K330VX2N3F
±5% (J), ±10% (K), ±20% (M) 51.0 49.5 35.0 47.5
1.0
80
N/A
STANDARD VALUES AND CASE SIZE (mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com