Electronic Components Datasheet Search
  English  ▼

X  

DA7210 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # DA7210
Description  Ultra-low power stereo codec
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7210 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button DA7210 Datasheet HTML 45Page - Dialog Semiconductor DA7210 Datasheet HTML 46Page - Dialog Semiconductor DA7210 Datasheet HTML 47Page - Dialog Semiconductor DA7210 Datasheet HTML 48Page - Dialog Semiconductor DA7210 Datasheet HTML 49Page - Dialog Semiconductor DA7210 Datasheet HTML 50Page - Dialog Semiconductor DA7210 Datasheet HTML 51Page - Dialog Semiconductor DA7210 Datasheet HTML 52Page - Dialog Semiconductor DA7210 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
DA7210
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3a
15-Oct-2015
CFR0011-120-00 Rev 5
49 of 113
© 2015 Dialog Semiconductor
Table 28: Voice mode playback high-pass filter specifications
Cut-off frequency [Hz] at DAC_VOICE_F0 setting
Fs [kHz]
000
001
010
011
100
101
110
111
8.0
2.5
25
50
100
150
200
300
400
11.025
3.4
34.5
69
138
207
276
413
551
12.0
3.75
37.5
75
150
225
300
450
600
16.0
5
50
100
200
300
400
600
800
Figure 30: Voice mode playback high-pass filter
(cut-off fre
quency setting ‘000’ to ‘111’, 16 kHz)
Figure 31: Voice mode playback
frequency response (setting ‘001’, 8 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com