Electronic Components Datasheet Search
  English  ▼

X  

DA7210 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # DA7210
Description  Ultra-low power stereo codec
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7210 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button DA7210 Datasheet HTML 40Page - Dialog Semiconductor DA7210 Datasheet HTML 41Page - Dialog Semiconductor DA7210 Datasheet HTML 42Page - Dialog Semiconductor DA7210 Datasheet HTML 43Page - Dialog Semiconductor DA7210 Datasheet HTML 44Page - Dialog Semiconductor DA7210 Datasheet HTML 45Page - Dialog Semiconductor DA7210 Datasheet HTML 46Page - Dialog Semiconductor DA7210 Datasheet HTML 47Page - Dialog Semiconductor DA7210 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 113 page
background image
DA7210
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3a
15-Oct-2015
CFR0011-120-00 Rev 5
44 of 113
© 2015 Dialog Semiconductor
8.4.2
Digital audio processing for the record path
When Record only is selected, the DAC and playback filter units can be powered down. The general
purpose filter engine can offer 8th order stereo filters to correct the acoustic frequency response of
the connected microphone (Figure 23).
If less filtering is required, filter stages can be bypassed using the filter enable controls described in
Table 24.
For mono playback, this can also be achieved by switching off a complete channel (blocks not
required are highlighted in the following figures in light grey).
DAC L
ADC L
ADC R
DAC R
GP
2D
GP
2C
GP
2A
GP
1D
GP
1C
GP
1A
ADC
IIR L
ADC
HP L
DAC
HP L
DAC
IIR L
ADC
HP R
ADC
IIR R
DAC
IIR R
DAC
HP R
I2S/PCM L
I2S/PCM R
+
+
+
+
+
+
GP
1B
GP
2B
+
+
+
Figure 23: Record only
If it is intended to listen to the recording as it is being made, or to listen to another sound at the same
time as the recording, the general purpose filter engine offers a split mode for parallel record and
playback equalisation. This mode supports applications that perform active noise cancellation.
DAC L
ADC L
ADC R
DAC R
GP
2D
GP
2C
GP
2A
GP
1D
GP
1C
GP
1A
ADC
IIR L
ADC
HP L
DAC
HP L
DAC
IIR L
ADC
HP R
ADC
IIR R
DAC
IIR R
DAC
HP R
I2S/PCM L
I2S/PCM R
+
+
+
+
+
+
GP
1B
GP
2B
+
+
+
Figure 24: Record with sound monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com