Electronic Components Datasheet Search
  English  ▼

X  

DA7210 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # DA7210
Description  Ultra-low power stereo codec
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7210 Datasheet(HTML) 4 Page - Dialog Semiconductor

  DA7210 Datasheet HTML 1Page - Dialog Semiconductor DA7210 Datasheet HTML 2Page - Dialog Semiconductor DA7210 Datasheet HTML 3Page - Dialog Semiconductor DA7210 Datasheet HTML 4Page - Dialog Semiconductor DA7210 Datasheet HTML 5Page - Dialog Semiconductor DA7210 Datasheet HTML 6Page - Dialog Semiconductor DA7210 Datasheet HTML 7Page - Dialog Semiconductor DA7210 Datasheet HTML 8Page - Dialog Semiconductor DA7210 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 113 page
background image
DA7210
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3a
15-Oct-2015
CFR0011-120-00 Rev 5
4 of 113
© 2015 Dialog Semiconductor
Figure 10: ADC pass band suppression (audio mode, 48 kHz) .......................................................... 30
Figure 11: Operation of ALC................................................................................................................ 30
Figure 12: DAC DC blocking (cut-
off frequency setting ‘00’ to ‘11’, 48 kHz)....................................... 33
Figure 13: DAC pass band attenuation (audio mode, 48 kHz)............................................................ 34
Figure 14: DAC pass band suppression (audio mode, 48 kHz) .......................................................... 34
Figure 15: DA7210 audio signal paths ................................................................................................ 36
Figure 16: Digital signal processing engine (simplified block diagram) .............................................. 39
Figure 17: Direct form I implementation of a second order IIR filter ................................................... 39
Figure 18: Band 5 (LP 50 Hz) frequency response at FS = 48 kHz.................................................... 42
Figure 19: Band 5 (BP 150 Hz) frequency response at FS = 48 kHz ................................................. 42
Figure 20: Band 5 (BP 500 Hz) frequency response at FS = 48 kHz ................................................. 43
Figure 21: Band 5 (BP 2500 Hz) frequency response at FS = 48 kHz ............................................... 43
Figure 22: Band 5 (HP 5000 Hz) frequency response at FS = 48 kHz ............................................... 43
Figure 23: Record only ........................................................................................................................ 44
Figure 24: Record with sound monitor ................................................................................................ 44
Figure 25: Stereo playback (for example, freefield headphone equalisation) ..................................... 45
Figure 26: Sound spatialiser for stereo speaker ................................................................................. 46
Figure 27: Voice mode recording high-pass filter (cut-of
f frequency setting ‘000’ to ‘111’, 8 kHz) .... 47
Figure 28: Voice mode recording frequency response (setting ‘001’, 8 kHz) ..................................... 48
Figure 29: Voice mode recording stop band suppression (8 kHz) ...................................................... 48
Figure 30: Voice mode playback high-pass filter (cut-
off frequency setting ‘000’ to ‘111’, 16 kHz)... 49
Figure 31: Voice mode playback frequency response (setting ‘001’, 8 kHz) ...................................... 49
Figure 32: Voice mode playback stop band suppression (8 kHz) ....................................................... 50
Figure 33: Transmit (red), receive (green) and sidetone (blue) sound filtering for phone applications
............................................................................................................................................................. 50
Figure 34: Right justified format .......................................................................................................... 52
Figure 35: Left justified format ............................................................................................................. 52
Figure 36: I2S format........................................................................................................................... 52
Figure 37: DSP format......................................................................................................................... 53
Figure 38: TDM left justified format ..................................................................................................... 53
Figure 39: TDM DSP format ................................................................................................................ 53
Figure 40: PLL master mode start up sequence ................................................................................. 58
Figure 41: Non-PLL mode start-up sequence ..................................................................................... 61
Figure 42: PLL Slave mode start-up sequence ................................................................................... 63
Figure 43: PLL block diagram.............................................................................................................. 64
Figure 44: Schematic of a 4-wire and a 2-wire control bus ................................................................. 64
Figure 45: 4-
wire host write and read timing (nCS_POL = ‘0’, CPOL = ‘0’, CPHA = ‘1’’) ................... 66
Figure 46: 2-wire byte write (SI/DATA line) ......................................................................................... 67
Figure 47: Examples of 2-wire byte read (SI/DATA line) .................................................................... 67
Figure 48: Examples of 2-wire page read (SI/DATA line) ................................................................... 68
Figure 49: 2-wire page write (SI/DATA line)........................................................................................ 68
Figure 50: 2-wire repeated write (SI/DATA line) ................................................................................. 68
Figure 51: 49 bump WL-CSP 0.4mm pitch package outline drawing ............................................... 110
Tables
Table 1: Pin description ....................................................................................................................... 10
Table 2: Pin type definition .................................................................................................................. 12
Table 3: Absolute maximum ratings .................................................................................................... 14
Table 4: Recommended operating conditions..................................................................................... 14
Table 5: Power dissipation table ......................................................................................................... 15
Table 6: Electrical characteristics: Microphone bias ........................................................................... 16
Table 7: Electrical characteristics: Input mixing units.......................................................................... 16
Table 8: Electrical characteristics: Analogue to digital converter (ADC) ............................................. 17
Table 9: Electrical characteristics: Digital to analogue converter (DAC)............................................. 18
Table 10: Electrical characteristics: Line out and receiver amplifier ................................................... 19
Table 11: Electrical characteristics: Line out amplifier ........................................................................ 20
Table 12: Electrical characteristics: Dynamic charge pump................................................................ 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com