Electronic Components Datasheet Search
  English  ▼

X  

DA9053 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA9053
Description  Flexible High-Power System PMIC with Switching USB Power Manager
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9053 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA9053 Datasheet HTML 12Page - Dialog Semiconductor DA9053 Datasheet HTML 13Page - Dialog Semiconductor DA9053 Datasheet HTML 14Page - Dialog Semiconductor DA9053 Datasheet HTML 15Page - Dialog Semiconductor DA9053 Datasheet HTML 16Page - Dialog Semiconductor DA9053 Datasheet HTML 17Page - Dialog Semiconductor DA9053 Datasheet HTML 18Page - Dialog Semiconductor DA9053 Datasheet HTML 19Page - Dialog Semiconductor DA9053 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 183 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
16 of 183
© 2016 Dialog Semiconductor
Pad
Pad Name
Type
Description
Reference Voltage Generation
A2
VREF
AIO
Reference voltage output, decouple with 100 nF
D5
IREF
AO
Connection for bias setting, configure with high
precision 200
kΩ resistor
Internal Oscillator
C1
XIN
AIO
32 kHz crystal connection Adjust with 10 pF
B1
XOUT
AIO
32 kHz crystal connection Adjust with 10 pF
K12
OUT_32K
DO
32 kHz oscillator buffer output
Charger
B5
VBUS_SEL
AO
Control for external over voltage protection and input
selection of VBUS To be connected to gate of PFET
A5-6
VBUS_PROT
PS
Overvoltage protected VBUS charger input
B6
VBUS
PS
USB or wall charger input
B3
DCIN_SEL
AO
Control for external over voltage protection and input
selection of DCIN To be connected to gate of PFET
A3-4
DCIN_PROT
PS
Overvoltage protected DCIN charger input
B4
DCIN
PS
Wall charger input
A7
VCENTER
PS
Protected input for switching charger (decouple with
10 µF)
A8-9
VSW
PS
Switching node for charger buck
A10-11
VDDOUT
PS
System power supply output
B11
AD_CONT
AO
Active diode controller output To be connected to gate
of PFET (leave unconnected, if not used)
A12-13
VBAT
PS
Connection to main battery
Boost Converter and LED Current Sinks
M10
SW_BOOST
AO
Boost switching output
To be connected to gate of NFET
N10
BOOST_SENSE_P
AI
High side sense connected to Boost Isat current
protection resistor, stabilize with capacitor
N9
BOOST_SENSE_N
AI
Low side sense connected to Boost Isat current
protection resistor
N11
BOOST_PROT
AI
Over voltage protection input Requires external resistor
voltage divider
M9
LED1_IN
AI
Connection to LED string 1 Provides current controlled
sink via logarithmic IDAC
L8
LED2_IN
AI
Connection to LED string 2
Provides current controlled sink via logarithmic IDAC
L7
LED3_IN
AI
Connection to LED string 3 Provides current controlled
sink via logarithmic IDAC with PWM only LED control
USB Charger Control
C13
D+
AIO
USB D+
B13
D-
AIO
USB D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com