Electronic Components Datasheet Search
  English  ▼

X  

DA9053 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # DA9053
Description  Flexible High-Power System PMIC with Switching USB Power Manager
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9053 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button DA9053 Datasheet HTML 14Page - Dialog Semiconductor DA9053 Datasheet HTML 15Page - Dialog Semiconductor DA9053 Datasheet HTML 16Page - Dialog Semiconductor DA9053 Datasheet HTML 17Page - Dialog Semiconductor DA9053 Datasheet HTML 18Page - Dialog Semiconductor DA9053 Datasheet HTML 19Page - Dialog Semiconductor DA9053 Datasheet HTML 20Page - Dialog Semiconductor DA9053 Datasheet HTML 21Page - Dialog Semiconductor DA9053 Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 183 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
18 of 183
© 2016 Dialog Semiconductor
5
Electrical Characteristics
5.1
Absolute Maximum Ratings
The maximum continuous charger voltage must be less than 5.5 V, the over-voltage protection
(OVP) circuit will help protect against transients above this level minimizing effects on operation
lifetime.
VDDOUT must not be driven from an external supply if the charger buck is used.
Table 4: Absolute Maximum Ratings
Parameter
Symbol
Conditions Note 1
Min
Max
Unit
Storage temperature
-40
+95
°C
Junction temperature
TJ
-40
+140 Note 2
°C
Supply voltage
VBAT,
VBUS_PROT,
DCIN_PROT,
VDDOUT,
VDD_REF
-0.3
5.5
V
Supply voltage
charger
VBUS, DCIN
-0.3
12
V
Supply voltage LDO
and buck input pins
(except listed below)
-0.3
VDDOUT + 0.3 V,
5 V max
V
Supply voltage all pins
(except listed above)
-0.3
VDDOUT + 0.3 V,
5 V max
V
ESD susceptibility
Human body model
2
kV
Note 1
Stresses beyond those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the
device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Note 2
See Section 5.11 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com