Electronic Components Datasheet Search
  English  ▼

X  

DA9053 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # DA9053
Description  Flexible High-Power System PMIC with Switching USB Power Manager
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9053 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button DA9053 Datasheet HTML 41Page - Dialog Semiconductor DA9053 Datasheet HTML 42Page - Dialog Semiconductor DA9053 Datasheet HTML 43Page - Dialog Semiconductor DA9053 Datasheet HTML 44Page - Dialog Semiconductor DA9053 Datasheet HTML 45Page - Dialog Semiconductor DA9053 Datasheet HTML 46Page - Dialog Semiconductor DA9053 Datasheet HTML 47Page - Dialog Semiconductor DA9053 Datasheet HTML 48Page - Dialog Semiconductor DA9053 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 183 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
45 of 183
© 2016 Dialog Semiconductor
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ICHG_BAT
VBAT < BAT_FAULT
20
40
60
mA
5.14.4
Charging Modes
Table 33: Charging Modes
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
CC mode output current
6 bits ICHG_BAT
(30 mA steps)
0
300
1890
mA
CC absolute accuracy
ICHG_BAT < 100 mA
-10
+10
mA
CC absolute accuracy
ICHG_BAT > 100 mA
-10
+10
%
CV mode output voltage
VCHG_BAT
(25 mV steps)
3.65
4.2
4.425
V
CV output voltage
accuracy
VCHG_BAT
-25
25
mV
5.14.5
Charger Detection Circuit
Table 34: Charger Detection Circuit
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Charger detect
threshold
VCH_DET
VCHG_BAT < 4.2 V
4.25
4.35
4.4
V
VCHG_BAT > 4.2 V
4.45
4.55
4.6
V
Charger current limit
reduction threshold
VCH_THR (configurable)
3.8
4.4
4.8
V
Charger insertion
debounce time
10
ms
VBUS, DCIN excess
voltage threshold
5.4
5.6
5.8
V
5.14.6
VBUS Charge Control
Table 35: VBUS Charge Control
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Data source voltage
VDAT_SRC
@IDAT_SRC
0.5
0.7
V
Data source current
IDAT_SRC
0
200
µA
Data detect voltage
VDAT_REF
@IDAT_SINK
0.25
0.4
V
Data sink current
IDAT_SINK
50
150
µA
D+ source on time
TDP_SRC_ON
100
ms
D+ source off to high
current
TDPSRC_HICRNT
40
ms
VBUS load in low-power
suspend mode
IVBUS_SUSPEND
0
V ≤ VBUS ≤ 5.25 V
TAVG = <1 s, no spikes
higher than 100 mA
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com