Electronic Components Datasheet Search
  English  ▼

X  

DA9053 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # DA9053
Description  Flexible High-Power System PMIC with Switching USB Power Manager
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9053 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button DA9053 Datasheet HTML 40Page - Dialog Semiconductor DA9053 Datasheet HTML 41Page - Dialog Semiconductor DA9053 Datasheet HTML 42Page - Dialog Semiconductor DA9053 Datasheet HTML 43Page - Dialog Semiconductor DA9053 Datasheet HTML 44Page - Dialog Semiconductor DA9053 Datasheet HTML 45Page - Dialog Semiconductor DA9053 Datasheet HTML 46Page - Dialog Semiconductor DA9053 Datasheet HTML 47Page - Dialog Semiconductor DA9053 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 183 page
background image
DA9053
Flexible High-Power System PMIC with 1.8 A
Switching USB Power Manager
Datasheet
Revision 2.1
31-Aug-2016
CFR0011-120-00
44 of 183
© 2016 Dialog Semiconductor
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Current limitation
ILIM
2-wire programmable
10 mA, 50 mA and
200 mA steps
70
1800
mA
Quiescent current in
OFF mode
1
μA
Quiescent current in
synchronous rectification
mode
5
mA
F_BUCK frequency of
operation
2
MHz
Switching duty cycle
10
100
%
Ton turn on time
2.2
ms
Efficiency
IOUT = 1000 mA
VBUS_PROT = 5 V
85
90
%
R_PMOS
PMOS on resistance
including pin and routing
0.08
0.15
0.2
Ω
R_NMOS
NMOS on resistance
including pin and routing
0.15
0.25
0.3
Ω
R_VBUS_PROT internal
switch on resistance
including pin and routing,
VBUS_PROT= 4.8 V
0.05
0.1
0.2
Ω
SLEEP mode
– PFM mode
Sleep mode output
current
IOUTSLEEP
100
mA
Current limitation
75
278
300
mA
IQ_ SLEEP
– No load
supply current in SLEEP
mode
IOUT = 0 mA
80
100
µA
F_BUCK
Frequency of operation
0
5
MHz
Efficiency
IOUT = 10 mA to 100 mA
90
%
Efficiency
IOUT = 1 mA to 50 mA
VDD =4.8 V
80
%
Mode transition time
16
18
µs
5.14.3
Voltage Levels on VBAT
Table 32: Voltage Levels on VBAT
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
BAT_FAULT
2.8
V
Battery voltage range
VBAT
2.8
4.425
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com