Electronic Components Datasheet Search
  English  ▼

X  

DA9062 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # DA9062
Description  Entry level PMIC for applications requiring up to 8.5 A
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9062 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button DA9062 Datasheet HTML 14Page - Dialog Semiconductor DA9062 Datasheet HTML 15Page - Dialog Semiconductor DA9062 Datasheet HTML 16Page - Dialog Semiconductor DA9062 Datasheet HTML 17Page - Dialog Semiconductor DA9062 Datasheet HTML 18Page - Dialog Semiconductor DA9062 Datasheet HTML 19Page - Dialog Semiconductor DA9062 Datasheet HTML 20Page - Dialog Semiconductor DA9062 Datasheet HTML 21Page - Dialog Semiconductor DA9062 Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
DA9062
Entry level PMIC for applications requiring up to 8.5 A
Datasheet
Revision 3.2
18-Feb-2015
18 of 93
© 2016 Dialog Semiconductor
4.5.2
Buck3
Unless otherwise noted, the following is valid for TA = -40 to +85 ºC.
Table 12: Buck3 electrical characteristics
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Input voltage
VDD
IOUT ≤ 1.5 A
2.8
5.5
V
IOUT > 1.5 A
3.3
5.5
Output capacitor
COUT
IOUT ≤ 1.5 A
including voltage and
temperature coefficient
-50%
2 * 22
+30%
µF
IOUT > 1.5 A
including voltage and
temperature coefficient
-50%
2 * 47
+30%
Output capacitor ESR
RCOUT_ESR
COUT = 2 * 22 µF
f > 100 kHz
including wiring parasitics
15
50
m
COUT = 2 * 47 µF
f > 100 kHz
including wiring parasitics
7.5
25
Inductor value
LBUCK
Including current and
temperature dependence
0.6
1.0
1.3
µH
Inductor resistance
RL_DCR
80
120
m
Output voltage
VBUCK
Programmable in 20 mV steps
0.8
3.34
V
Output voltage accuracy
VBUCK_ACC
Including static line and load
regulation and voltage ripple
Note 1
-3%
+3%
Transient load regulation
VTR_LOAD
VDD = 3.6 V, VBUCK = 1.8 V
IOUT = 200 to 1000 mA
dI/dt = 3 A/µs
L = 1 µH
30
45
mV
VDD = 3.6 V, VBUCK = 1.8 V
IOUT = 200 to 2000 mA
dI/dt = 3 A/µs
L = 1 µH
60
90
VDD = 5.0 V, VBUCK = 3.34 V
IOUT = 200 to 2000 mA
dI/dt = 3 A/µs
L = 1 µH
60
90
Transient line regulation
VTR_LINE
VDD = 3.0 to 3.6 V
IOUT = 500 mA
tr = tf = 10 µs
0.2
3
mV
Output current
IOUT
VDD - VBUCK ≥ 1.25 V
L > 0.9 µH
2000
mA
VDD - VBUCK ≥ 1.00 V
L > 0.9 µH
1250
VDD - VBUCK ≥ 0.75 V
L > 0.6 µH
900
Current limit
ILIM
Controlled in BUCK3_ILIM
in 100 mA steps
1500
3000
mA
Current limit accuracy
ILIM_ACC
-20%
20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com