Electronic Components Datasheet Search
  English  ▼

X  

DA9062 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # DA9062
Description  Entry level PMIC for applications requiring up to 8.5 A
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9062 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button DA9062 Datasheet HTML 40Page - Dialog Semiconductor DA9062 Datasheet HTML 41Page - Dialog Semiconductor DA9062 Datasheet HTML 42Page - Dialog Semiconductor DA9062 Datasheet HTML 43Page - Dialog Semiconductor DA9062 Datasheet HTML 44Page - Dialog Semiconductor DA9062 Datasheet HTML 45Page - Dialog Semiconductor DA9062 Datasheet HTML 46Page - Dialog Semiconductor DA9062 Datasheet HTML 47Page - Dialog Semiconductor DA9062 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
DA9062
Entry level PMIC for applications requiring up to 8.5 A
Datasheet
Revision 3.2
18-Feb-2015
44 of 93
© 2016 Dialog Semiconductor
released to proceed from reset to POWERDOWN mode. If the application requires regulators to
discharge completely before a power-up sequence, a minimum duration of the RESET mode can be
selected via RESET_DURATION.
If the reset was init
iated by a user’s long press of nONKEY, initially only KEY_RESET is set and the
nIRQ port will be asserted. KEY_RESET signals the host that a shutdown sequence is started. If the
host does not then clear KEY_RESET within 1 second
by writing a ‘1’ to the related bit in register
FAULT_LOG, the shutdown sequence will complete. When the reset condition has disappeared,
DA9062 requires a supply (VSYS > VDD_FAULT_UPPER) that provides enough power to start-up
from the POWERDOWN mode.
RESET mode also allows automatic transition to RTC mode where all features of DA9062, except
the RTC oscillator and calendar (including LDOCORE), are disabled. This mode is selected in
RTC_MODE_SD.
7.8.4
POWERDOWN mode
The POWERDOWN mode is a low-power state where most of the regulators are disabled. The
transition from active to POWERDOWN mode (and vice versa) is handled by the programmable
sequencer. Entry to POWERDOWN mode from ACTIVE mode is triggered by the de-assertion of
SYSTEM_EN (either via SYS_EN or register access) or by a short press of nONKEY. The
POWERDOWN mode is also passed during start-up and shutdown to RESET mode sequences.
In POWERDOWN mode the internal supplies are enabled, and the control interface and GPIOs are
operational.
The power state machine features a retry counter that limits the number of transitions from
POWERDOWN to ACTIVE under certain conditions. A watchdog timeout triggers POWERDOWN
mode entry, but it does not necessarily clear the conditions that trigger a transition back to the
ACTIVE mode. This could cause an endless loop between the ACTIVE and POWERDOWN modes.
Therefore, after each watchdog timeout the retry counter is decremented, and after the retry counter
reaches zero, DA9062 blocks all wakeup events and stays in POWERDOWN mode. This freeze
function can be regarded as a substate of the POWERDOWN mode that is undetectable from
outside the DA9062.
Table 26 describes the state transitions with a level-sensitive wakeup and the freeze function.
Table 26: State transitions with a level-sensitive (LS) GPI
Current state
LS GPI
SYS_EN
PWR_EN
Freeze
Note 1
Next state
POWERDOWN
x
x
x
1
POWERDOWN
POWERDOWN
0
0
x
0
POWERDOWN
POWERDOWN
x
1
0
0
SYSTEM
POWERDOWN
x
1
1
0
ACTIVE
POWERDOWN
1
x
0
0
SYSTEM
POWERDOWN
1
x
1
0
ACTIVE
SYSTEM
0
0
x
x
POWERDOWN
SYSTEM
x
1
0
x
SYSTEM
SYSTEM
x
1
1
x
ACTIVE
SYSTEM
1
x
0
x
SYSTEM
SYSTEM
1
x
1
x
ACTIVE
ACTIVE
0
0
x
x
POWERDOWN
ACTIVE
x
1
0
x
SYSTEM
ACTIVE
x
1
1
x
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com