Electronic Components Datasheet Search
  English  ▼

X  

DA9210 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA9210
Description  Multi-Phase 12 A DC-DC Buck Converter
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9210 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA9210 Datasheet HTML 9Page - Dialog Semiconductor DA9210 Datasheet HTML 10Page - Dialog Semiconductor DA9210 Datasheet HTML 11Page - Dialog Semiconductor DA9210 Datasheet HTML 12Page - Dialog Semiconductor DA9210 Datasheet HTML 13Page - Dialog Semiconductor DA9210 Datasheet HTML 14Page - Dialog Semiconductor DA9210 Datasheet HTML 15Page - Dialog Semiconductor DA9210 Datasheet HTML 16Page - Dialog Semiconductor DA9210 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
DA9210
DA9210 Multi-Phase 12 A DC-DC Buck Converter
Datasheet
Revision 2.0
09-Sep-2016
CFR0011-120-00
13 of 90
© 2016 Dialog Semiconductor
5
Typical Current Consumptions
Table 7: Typical Current Consumption
Operating Mode
Conditions
Battery (typ)
Unit
OFF mode
EN_CHIP Low
<1
µA
ON mode
EN_CHIP High,
BUCK_EN = 0
(excluding the current
consumption of the buck)
45
µA
6
Electrical Characteristics
Table 8: DC Characteristics
Param eter
Description
Conditions
Min
Typ
Max
Unit
EN_ON
EN_CHIP
Level on
1.1
V
EN_OFF
EN_CHIP
Level off
0.35
V
EN_HYST
EN_CHIP
Hysteresis
100
mV
IEN_CHIP
EN_CHIP
Input current
VEN_CHIP
1.1 V
100
nA
tEN
IC control start-
up time
750
µs
VDDCORE
VDDCORE
voltage
2.5
V
VIH
GPI0-6, SYNC,
INPUT, CLK,
DATA,
(2-WIRE mode)
Input High
Voltage
VDDCORE mode
VDD_IO mode
0.7*VDDCORE
0.7*VDD_IO
V
VIL
GPI0-6, SYNC,
INPUT, CLK,
DATA,
(2-WIRE mode)
Input Low
Voltage
VDDCORE mode
VDD_IO mode
0.3*VDDCORE
0.3*VDD_IO
V
VIH
SK, nCS, SI (4-
WIRE mode)
Input High
Voltage
0.7*VDD_IO
V
VIL
SK, nCS, SI (4-
WIRE mode)
Input Low
Voltage
0.3*VDD_IO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com