Electronic Components Datasheet Search
  English  ▼

X  

DA9210 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA9210
Description  Multi-Phase 12 A DC-DC Buck Converter
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9210 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA9210 Datasheet HTML 35Page - Dialog Semiconductor DA9210 Datasheet HTML 36Page - Dialog Semiconductor DA9210 Datasheet HTML 37Page - Dialog Semiconductor DA9210 Datasheet HTML 38Page - Dialog Semiconductor DA9210 Datasheet HTML 39Page - Dialog Semiconductor DA9210 Datasheet HTML 40Page - Dialog Semiconductor DA9210 Datasheet HTML 41Page - Dialog Semiconductor DA9210 Datasheet HTML 42Page - Dialog Semiconductor DA9210 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
DA9210
DA9210 Multi-Phase 12 A DC-DC Buck Converter
Datasheet
Revision 2.0
09-Sep-2016
CFR0011-120-00
39 of 90
© 2016 Dialog Semiconductor
If GPIO2_PIN = 01 the port will be configured for IPHASE operation as an input or an output,
according to the voltage level on the VOUT_SENSE Pin, see Section 8.3.3. In master mode the port
is an output. In slave mode (VOUT_SENSE must be tied high to VDDCORE) the port is an input.
If GPIO2_PIN = 01 and master mode is configured, whenever the buck converter is enabled, the
signal from the current sense amplifier of one phase is internally routed to the IPHASE pin and is
available externally. This allows the DA9210 to operate as a master together with another slave
instance of DA9210 in dual DA9210 operation.
If GPIO2_PIN = 01 and slave mode is configured, whenever the buck converter is enabled, the signal
applied at the IPHASE pin will be internally routed as a replacement for the current sense amplifier of
one phase, thereby overriding the function of that current sense amplifier in the current regulation
loop. This allows the DA9210 to operate as a slave together with another master instance of DA9210
in dual DA9210 operation.
8.2.6
BUCK_CLK / GPIO3
This port is multi-functional according to the configuration GPIO3_PIN. It can be used as a digital pin
to support the dual parallel mode operation of DA9210 (input in the case of operation as a slave,
output in the case of operation as a master, see Section 8.3.3. Alternatively it behaves like a
standard GPIO extender pin, see Section 8.4.
If GPIO3_PIN = 01 the port will be configured for buck clock operation as an input or an output,
according to the voltage level at VOUT_SENSE pin, see Section 8.3.3. In master mode the port is an
output. In slave mode (VOUT_SENSE must be tied high to VDDCORE) the port is an input.
If GPIO3_PIN = 01 and master mode is configured, whenever the buck converter is enabled, the
clock signal of the buck converter is internally routed to the BUCK_CLK pin and is available
externally. This allows to use DA9210 in dual operation as a master together with another slave
instance of DA9210.
If GPIO3_PIN = 01 and slave mode is configured, whenever the buck converter is enabled, the signal
applied at BUCK_CLK pin will be internally routed to the clock generation block of the buck
converter, thereby overriding the functionality of the internal buck clock. This allows the DA9210 to
operate as a slave together with another master instance of DA9210 in dual DA9210 operation.
8.2.7
Digital External Clock Input / GPIO4
This port is multi-functional according to the configuration of GPIO4_PIN. It can be used as digital
external clock input for the system, if a signal of typically 6 MHz is applied to the pin.
NOTE
The clock must already be running and stable before configuring the port via GPIO4_PIN and before enabling
the buck converter. Missing pulses or signals applied at different frequencies than specified may cause
disruption of the IC.
Alternatively it behaves like a standard GPIO extender pin, see Section 8.4.
8.2.8
OC_PG / nIRQ
The OC_PG (Over Current alarm and Power Good) is an output port shared with nIRQ and can be
either push-pull or open-drain (selected via OC_PG_IRQ_TYPE). The port can be configured as
active high or active low via control OC_PG_IRQ_LEVEL.
If OC_PG_IRQ_CONF = 0 the port is used as IRQ line. It indicates that an interrupt causing event
has occurred and that the event/status information is available in the related registers 0x50 to 0x53.
Such information can be a warning of critical temperature, fault conditions, or status changes on GPI
ports. The event registers hold information about the events that have occurred. Events are triggered
by a status change at the monitored signals. When an event bit is set, the nIRQ signal is asserted
(unless this interrupt is masked by a corresponding bit in the IRQ mask registers 0x54 and 0x55).
The nIRQ is not released until all event registers with asserted bits have been read and cleared. New



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com