Electronic Components Datasheet Search
  English  ▼

X  

DA9210 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA9210
Description  Multi-Phase 12 A DC-DC Buck Converter
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9210 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA9210 Datasheet HTML 12Page - Dialog Semiconductor DA9210 Datasheet HTML 13Page - Dialog Semiconductor DA9210 Datasheet HTML 14Page - Dialog Semiconductor DA9210 Datasheet HTML 15Page - Dialog Semiconductor DA9210 Datasheet HTML 16Page - Dialog Semiconductor DA9210 Datasheet HTML 17Page - Dialog Semiconductor DA9210 Datasheet HTML 18Page - Dialog Semiconductor DA9210 Datasheet HTML 19Page - Dialog Semiconductor DA9210 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
DA9210
DA9210 Multi-Phase 12 A DC-DC Buck Converter
Datasheet
Revision 2.0
09-Sep-2016
CFR0011-120-00
16 of 90
© 2016 Dialog Semiconductor
Param eter
Description
Conditions
Min
Typ
Max
Unit
ILIM
Current limit
per phase
(programmable)
Note 5
BUCK_ILIM = 0010
-20 %
2000
Note 6
20
%
mA
BUCK_ILIM = 1111
-20 %
4600
20
%
mA
IALARM
Current alarm
threshold
(programmable)
BUCK_IALARM = 0
and BUCK_ILIM
≥ 1010
ILIM -
600
ILIM
–
300
ILIM
-
100
mA
BUCK_IALARM = 1
and BUCK_ILIM
≥ 1010
ILIM -
1000
ILIM
–
600
ILIM
-
300
mA
IQON
Quiescent current
in synchronous
rectification mode
4-phase operation
No load
VDD = 3.7 V
60
mA
IMIN_PFM
Minimum output
current in PFM
mode
Static output voltage, No DVC
Note 7
2
mA
f
Sw itching
frequency
2.79
3
3.21
MHz
Minimum on time
20
ns
tON
Turn-on time
STARTUP_CTRL = 011
50
µs
Output pull-dow n
resistor
Can be sw itched off via
BUCK_PD_D IS
150
200
Ω
Note 1
Programmable in 10 mV increments
Note 2
Additional to the DC accuracy. The value is intended measured directly at COUT. In case of remote
sensing, parasitics of PCB and external components may affect this value.
Note 3
10 mΩ equivalent to a 5 inch (ca 13 cm) copper trace (
 = 1.7x10-8 Ω/m), w idth 6 mm, thickness
35 µm
Note 4
10 nH equivalent to a 5 inch (ca 13 cm) trace routed over a ground plane (approx. 1.2 nH/cm)
Note 5
Peak current on the inductor
Note 6
Minimum value of the accuracy is ±400 mA under all conditions
Note 7
For DVC, see Application Note AN-PM-052
6.2
2-WIRE Control Bus
Figure 4: 2-WIRE Interface Timing
STOP
SDA
SCL
tF
tR
tF
START
tH_STA
tH_D
1/fSCL
VIH
VIL
VIH
VIL
tSU_D
tLOW
tHIGH
tVD_D
ACK
tVD_ACK
tSU_STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com