Electronic Components Datasheet Search
  English  ▼

X  

DA9210 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9210
Description  Multi-Phase 12 A DC-DC Buck Converter
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9210 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9210 Datasheet HTML 17Page - Dialog Semiconductor DA9210 Datasheet HTML 18Page - Dialog Semiconductor DA9210 Datasheet HTML 19Page - Dialog Semiconductor DA9210 Datasheet HTML 20Page - Dialog Semiconductor DA9210 Datasheet HTML 21Page - Dialog Semiconductor DA9210 Datasheet HTML 22Page - Dialog Semiconductor DA9210 Datasheet HTML 23Page - Dialog Semiconductor DA9210 Datasheet HTML 24Page - Dialog Semiconductor DA9210 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
DA9210
DA9210 Multi-Phase 12 A DC-DC Buck Converter
Datasheet
Revision 2.0
09-Sep-2016
CFR0011-120-00
21 of 90
© 2016 Dialog Semiconductor
Figure 7: Efficiency vs Output Current VOUT = 0.9 V
Figure 8: Efficiency vs Output Current VOUT = 1.0 V, dual parallel mode (24 A max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com