Electronic Components Datasheet Search
  English  ▼

X  

DA9212 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # DA9212
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9212 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button DA9212 Datasheet HTML 45Page - Dialog Semiconductor DA9212 Datasheet HTML 46Page - Dialog Semiconductor DA9212 Datasheet HTML 47Page - Dialog Semiconductor DA9212 Datasheet HTML 48Page - Dialog Semiconductor DA9212 Datasheet HTML 49Page - Dialog Semiconductor DA9212 Datasheet HTML 50Page - Dialog Semiconductor DA9212 Datasheet HTML 51Page - Dialog Semiconductor DA9212 Datasheet HTML 52Page - Dialog Semiconductor DA9212 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
49 of 74
© 2015 Dialog Semiconductor GmbH
14. Register definitions
Register map
14.1
Table 16: Register map
All bits loaded from OTP are marked in bold
A ddr
F unc t io n
7
6
5
4
3
2
1
0
0x00
P A GE_CON
REVERT
WRITE_M ODE
Reserved
Reserved
0x50
STA TUS_A
Reserved
Reserved
Reserved
GP I4
GP I3
GP I2
GP I1
GP I0
0x51
STA TUS_B
Reserved
Reserved
OV_CURR_B
OV_CURR_A
TEM P _CRIT
TEM P _WA RN
P WRGOOD_B
P WRGOOD_A
0x52
EVENT_A
Reserved
E_UVLO_IO
Reserved
E_GP I4
E_GP I3
E_GP I2
E_GP I1
E_GP I0
0x53
EVENT_B
Reserved
Reserved
E_OV_CURR_B
E_OV_CURR_A
E_TEM P _CRIT
E_TEM P _WA RN
E_P WRGOODB
E_P WRGOOD_A
0x54
M A SK_A
Reserved
M _ UV LO _ IO
Reserved
M _ G P I4
M _ G P I3
M _ G P I2
M _ G P I1
M _ G P I0
0x55
M A SK_B
Reserved
Reserved
M _ O V _ C UR R _ B
M _ O V _ C UR R _ A
M _ T E M P _ C R IT
M _ T E M P _ WA R N
M _ P WR G O O D _ B
M _ P WR G O O D _ A
0x56
CONTROL_A
V _ LO C K
0x57
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x58
GP IO0-1
G P I1_ M O D E
G P I1_ T Y P E
G P I0 _ M O D E
G P I0 _ T Y P E
0x59
GP IO2-3
G P IO 3 _ M O D E
G P IO 3 _ T Y P E
G P IO 2 _ M O D E
G P IO 2 _ T Y P E
0x5A
GP IO4
Reserved
Reserved
G P I4 _ M O D E
G P I4 _ T Y P E
0x5B
Reserved
Reserved
Reserved
Reserved
Reserved
0x5C
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x5D
B UCKA _CONT
Reserved
V B UC KA _ S E L
B UC KA _ P D _ D IS
B UC KA _ E N
0x5E
B UCKB _CONT
Reserved
V B UC KB _ S E L
B UC KB _ P D _ D IS
B UC KB _ E N
0x80
P A GE_CON
REVERT
WRITE_M ODE
Reserved
Reserved
Reserved
0xD0
B UCK_ILIM
0xD1
B UCKA _CONF
0xD2
B UCKB _CONF
0xD3
B UCK_CONF
Reserved
Reserved
Reserved
P H _ S H _ E N _ B
P H _ S H _ E N _ A
P H A S E _ S E L_ B
0xD4
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0xD5
VB UCKA _M A X
Reserved
0xD6
VB UCKB _M A X
Reserved
0xD7
VB UCKA _A
Reserved
0xD8
VB UCKB _B
Reserved
0xD9
VB UCKB _A
Reserved
0xDA
VB UCKB _B
Reserved
0x100
P A GE_CON
REVERT
WRITE_M ODE
Reserved
Reserved
Reserved
0x101
OTP _CONT
Reserved
Reserved
Reserved
Reserved
P C_DONE
OTP _A P P S_RD
Reserved
OTP _TIM
0x102
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x103
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x104
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x105
INTERFA CE
R / W_ P O L
C P H A
C P O L
nC S _ P O L
0x106
INTERFA CE2
IF _ T Y P E
P M _ IF _ H S M
P M _ IF _ F M P
P M _ IF _ V
Reserved
Reserved
Reserved
Reserved
0x140
OTP _CONT2
O T P _ C O N F _ LO C K
O T P _ A P P S _ LO C K
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x141
OTP _A DDR
0x142
OTP _DA TA
0x143
CONFIG_A
Reserved
Reserved
Reserved
2 WIR E _ T O
G P I_ V
Reserved
IR Q _ T Y P E
IR Q _ LE V E L
0x144
CONFIG_B
UV LO _ IO _ D IS
P G B _ D V C _ M A S K
P G A _ D V C _ M A S K
Reserved
0x145
CONFIG_C
Reserved
Reserved
Reserved
G P I4 _ P UP D
G P IO 3 _ P UP D
G P IO 2 _ P UP D
G P I1_ P UP D
G P I0 _ P UP D
0x146
CONFIG_D
0x147
CONFIG_E
S T A N D _ A LO N E
S LA V E _ S E L
Reserved
Reserved
Reserved
0x148
CONFIG_F
Reserved
Reserved
IF _ B A S E _ A D D R 2
O C A _ M A S K
Register Page 2
REG_P A GE
IF _ B A S E _ A D D R 1
O S C _ T UN E
OTP _A DDR
OTP _DA TA
R E A D Y B _ C O N F
B UC KA _ P G _ S E L
B UC KB _ P G _ S E L
R E A D Y A _ C O N F
O C B _ M A S K
S LE W_ R A T E _ B
B UC KB _ ILIM
B UC KB _ D O WN _ C T R L
B UC KB _ UP _ C T R L
V B UC KB _ A
V B UC KB _ B
B UC KB _ M O D E
B UC KA _ D O WN _ C T R L
B UC KA _ UP _ C T R L
B UC KA _ M O D E
V B UC KB _ M A X
P H A S E _ S E L_ A
V B UC KA _ A
V B UC KA _ B
REG_P A GE
B UC KA _ ILIM
G P IO 2 _ P IN
Reserved
G P I4 _ P IN
Reserved
Reserved
V B UC KA _ M A X
V B UC KA _ G P I
V B UC KB _ G P I
B UC KB _ G P I
Register Page 1
A D D R _ S E L_ C O N F
B UC KA _ G P I
Register Page 0
REG_P A GE
S LE W_ R A T E _ A
D E B O UN C IN G
G P I1_ P IN
G P I0 _ P IN
G P IO 3 _ P IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com