Electronic Components Datasheet Search
  English  ▼

X  

DA9212 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # DA9212
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9212 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button DA9212 Datasheet HTML 40Page - Dialog Semiconductor DA9212 Datasheet HTML 41Page - Dialog Semiconductor DA9212 Datasheet HTML 42Page - Dialog Semiconductor DA9212 Datasheet HTML 43Page - Dialog Semiconductor DA9212 Datasheet HTML 44Page - Dialog Semiconductor DA9212 Datasheet HTML 45Page - Dialog Semiconductor DA9212 Datasheet HTML 46Page - Dialog Semiconductor DA9212 Datasheet HTML 47Page - Dialog Semiconductor DA9212 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
44 of 74
© 2015 Dialog Semiconductor GmbH
Table 14: 4-WIRE Interface Summary
Parameters
Signal Lines
nCS
Chip select
SI Serial input data
Master out Slave in
SO Serial output data
Master in Slave out
SK
Transmission clock
Interface
Push-pull with tristate
Supply voltage
Selected from VDDIO
1.6 V to 3.3 V
Data rate
Effective read/write data
Up to 7 Mbps
Transmission
Half-duplex
MSB first
16 bit cycles
7-bit address, 1 bit read/write, 8-bit data
Configuration
CPOL
Clock polarity
CPHA
Clock phase
nCS_POL
nCS is active low/high
Note that reading the same register at high clock rates directly after writing it does not guarantee a
correct value. It is recommended to keep a delay of one frame until re-accessing a register that has
just been written (for example, by writing/reading another register address in between).
2-WIRE Communication
13.4.2
The IF_TYPE bit in the INTERFACE2 register can be used to configure the DA9211 and DA9212
control interface as a 2-WIRE serial data interface. In this case the GPIO3 and GPI4 are free for
regular input/output functions. DA9211 and DA9212 has a configurable device write address (default:
0xD0) and a configurable device read address (default: 0xD1). See control IF_BASE_ADDR1 for
details of configurable addresses. The ADDR_SEL_CONF bit is used to configure the device
address as IF_BASE_ADDR1 or IF_BASE_ADDR2 depending on the voltage level applied at a
configurable GPI port (see GPIO Extender).
The SK port functions as the 2-WIRE clock and the SI port carries all the power manager
bi-directional 2-WIRE data. The 2-WIRE interface is open-drain supporting multiple devices on a
single line. The bus lines have to be pulled HIGH by external pull-up resistors (in the 2 k
Ω to 20 kΩ
range). The attached devices only drive the bus lines LOW by connecting them to ground. As a result
two devices cannot conflict if they drive the bus simultaneously. In standard/fast mode the highest
frequency of the bus is 400 kHz. The exact frequency can be determined by the application and does
not have any relation to the DA9211 and DA9212 internal clock signals. DA9211 and DA9212 will
follow the host clock speed within the described limitations, and does not initiate any clock arbitration
or slow down. An automatic interface reset can be triggered using control 2WIRE_TO if the clock
signal stops to toggle for more than 35 ms.
The interface supports operation compatible to Standard, Fast, Fast-Plus and High Speed mode of
the I2C-bus specification Rev 4. Operation in high speed mode at 3.4 MHz requires mode changing
in order to set spike suppression and slope control characteristics to be compatible with the I2C-bus
specification. The high speed mode can be enabled on a transfer by transfer basis by sending the
master code (0000 1XXX) at the begin of the transfer. DA9211 and DA9212 do not make use of
clock stretching, and deliver read data without additional delay up to 3.4 MHz.
Alternatively, PM_IF_HSM configures the interface to use high speed mode continuously. In this
case, the master code is not required at the beginning of every transfer. This reduces the
communication overhead on the bus but limits the slaves attachable to the bus to compatible
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com