Electronic Components Datasheet Search
  English  ▼

X  

DA9212 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA9212
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9212 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA9212 Datasheet HTML 1Page - Dialog Semiconductor DA9212 Datasheet HTML 2Page - Dialog Semiconductor DA9212 Datasheet HTML 3Page - Dialog Semiconductor DA9212 Datasheet HTML 4Page - Dialog Semiconductor DA9212 Datasheet HTML 5Page - Dialog Semiconductor DA9212 Datasheet HTML 6Page - Dialog Semiconductor DA9212 Datasheet HTML 7Page - Dialog Semiconductor DA9212 Datasheet HTML 8Page - Dialog Semiconductor DA9212 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
2 of 74
© 2015 Dialog Semiconductor GmbH
3.
Applications
■ Smartphones, Mobile Phones and Ultra books
■ Tablet PCs, E-Book Readers and Car
Infotainment
■ Portable Navigation Devices, TV and Media
players
4.
System diagrams
FBAP
REGISTER
SPACE
OTP
MEMORY
DIGITAL
CORE
2/4-WIRE INTERFACE
VDDIO
BIAS
SUPERV
OSC
GPI1
OUT
nIRQ
4x 0.47µH
4x 10µF
L/C/R PCB
GPI0
1µF
GPI
GPI
100nF
GPIO2
GPIO
VSS_ANA
PoL
FBAN
FBBP
FBBN
4x 22µF
IC_EN
DVS
CTRL
+
DRIVE
Figure 1: DA9211 System diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com