Electronic Components Datasheet Search
  English  ▼

X  

DA9212 Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA9212
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9212 Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA9212 Datasheet HTML 12Page - Dialog Semiconductor DA9212 Datasheet HTML 13Page - Dialog Semiconductor DA9212 Datasheet HTML 14Page - Dialog Semiconductor DA9212 Datasheet HTML 15Page - Dialog Semiconductor DA9212 Datasheet HTML 16Page - Dialog Semiconductor DA9212 Datasheet HTML 17Page - Dialog Semiconductor DA9212 Datasheet HTML 18Page - Dialog Semiconductor DA9212 Datasheet HTML 19Page - Dialog Semiconductor DA9212 Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
16 of 74
© 2015 Dialog Semiconductor GmbH
Table 8: Digital I/O Characteristics
TA = -40 to +85 ºC
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH_EN
HIGH level input voltage
@ pin IC_EN
0.7*VDDIO
V
VIL_EN
LOW level input voltage
@ pin IC_EN
0.3*VDDIO
V
tEN
Enable time
I/F operating
750
µs
RO_PU_GPO
Pull up resistor @ GPO
VDDIO = 1.8 V
VGPO = 0V
100
k
RI_PD_GPI
Pull down resistor @ GPI
VDDIO = 1.8V
VGPI = VDDIO
150
k
VIH
GPI0-4, SCL, SDA,
(2-WIRE mode)
HIGH level input voltage
VLDOCORE mode
VDDIO mode
1.75
0.7*VDDIO
V
VIL
GPI0-4, SCL, SDA,
(2-WIRE mode)
LOW level input voltage
VLDOCORE mode
VDDIO mode
0.75
0.3*VDDIO
V
VIH_4WIRE
SK, nCS, SI
(4-WIRE Mode)
HIGH level input voltage
0.7*VDDIO
V
VIL_4WIRE
SK, nCS, SI
(4-WIRE Mode)
LOW level input voltage
0.3*VDDIO
V
VOH
GPO2-3, SO (4-WIRE
mode)
HIGH level output voltage
push-pull mode
@1mA
VDDIO ≥ 1.5 V
0.8*VDDIO
V
VOL1
GPO2-3, SDA (2-WIRE
mode) SO (4-WIRE
mode)
LOW level output voltage
@IOL = 1 mA
0.3
V
VOL3
SDA (2-WIRE Mode)
LOW level output voltage
@IOL = 3 mA
0.24
V
VOL20
SDA (2-WIRE Mode)
LOW level output voltage
@IOL = 20 mA
0.4
V
CIN
CLK, SDA
(2-WIRE Mode)
input capacitance
2.5
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com