Electronic Components Datasheet Search
  English  ▼

X  

DA14583 Datasheet(PDF) 79 Page - Dialog Semiconductor

Part # DA14583
Description  Low Power Bluetooth Smart SoC with Flash memory
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14583 Datasheet(HTML) 79 Page - Dialog Semiconductor

Back Button DA14583 Datasheet HTML 75Page - Dialog Semiconductor DA14583 Datasheet HTML 76Page - Dialog Semiconductor DA14583 Datasheet HTML 77Page - Dialog Semiconductor DA14583 Datasheet HTML 78Page - Dialog Semiconductor DA14583 Datasheet HTML 79Page - Dialog Semiconductor DA14583 Datasheet HTML 80Page - Dialog Semiconductor DA14583 Datasheet HTML 81Page - Dialog Semiconductor DA14583 Datasheet HTML 82Page - Dialog Semiconductor DA14583 Datasheet HTML 83Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 148 page
background image
© 2014 Dialog Semiconductor
79
Target - March 06, 2015 v1.1
7:0
R/W
SRBR_STHRX
Shadow Receive Buffer Register x: This is a shadow register
for the RBR and has been allocated sixteen 32-bit locations
so as to accommodate burst accesses from the master. This
register contains the data byte received on the serial input
port (sin) in UART mode or the serial infrared input (sir_in) in
infrared mode. The data in this register is valid only if the Data
Ready (DR) bit in the Line status Register (LSR) is set. If
FIFOs are disabled (FCR[0] set to zero), the data in the RBR
must be read before the next data arrives, otherwise it will be
overwritten, resulting in an overrun error. If FIFOs are enabled
(FCR[0] set to one), this register accesses the head of the
receive FIFO. If the receive FIFO is full and this register is not
read before the next data character arrives, then the data
already in the FIFO will be preserved but any incoming data
will be lost. An overrun error will also occur. Shadow Transmit
Holding Register 0: This is a shadow register for the THR and
has been allocated sixteen 32-bit locations so as to accom-
modate burst accesses from the master. This register con-
tains data to be transmitted on the serial output port (sout) in
UART mode or the serial infrared output (sir_out_n) in infra-
red mode. Data should only be written to the THR when the
THR Empty (THRE) bit (LSR[5]) is set. If FIFO's are disabled
(FCR[0] set to zero) and THRE is set, writing a single charac-
ter to the THR clears the THRE. Any additional writes to the
THR before the THRE is set again causes the THR data to be
overwritten. If FIFO's are enabled (FCR[0] set to one) and
THRE is set, x number of characters of data may be written to
the THR before the FIFO is full. The number x (default=16) is
determined by the value of FIFO Depth that you set during
configuration. Any attempt to write data when the FIFO is full
results in the write data being lost.
0x0
Table 116: UART2_SRBR_STHR3_REG (0x5000113C)
Bit
Mode
Symbol
Description
Reset
Table 117: UART2_SRBR_STHR4_REG (0x50001140)
Bit
Mode
Symbol
Description
Reset
15:8
-
-
Reserved
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com