Electronic Components Datasheet Search
  English  ▼

X  

DA14583 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA14583
Description  Low Power Bluetooth Smart SoC with Flash memory
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14583 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA14583 Datasheet HTML 9Page - Dialog Semiconductor DA14583 Datasheet HTML 10Page - Dialog Semiconductor DA14583 Datasheet HTML 11Page - Dialog Semiconductor DA14583 Datasheet HTML 12Page - Dialog Semiconductor DA14583 Datasheet HTML 13Page - Dialog Semiconductor DA14583 Datasheet HTML 14Page - Dialog Semiconductor DA14583 Datasheet HTML 15Page - Dialog Semiconductor DA14583 Datasheet HTML 16Page - Dialog Semiconductor DA14583 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 148 page
background image
© 2014 Dialog Semiconductor
13
Target - March 06, 2015 v1.1
3.8.1 Clocks
The Digital Controlled Xtal Oscillator (DXCO) is a
Pierce configured type of oscillator designed for low
power consumption and high stability. There are two
such crystal oscillators in the system, one at 16 MHz
(XTAL16M) and a second at 32.768 kHz (XTAL32K).
The 32.768 kHz oscillator has no trimming capabilities
and is used as the clock of the Extended Sleep mode.
The 16 MHz oscillator can be trimmed.
The principle schematic of the two oscillators is shown
in Figure 5 below. No external components to the
DA14583 are required other than the crystal itself. If
the crystal has a case connection, it is advised to con-
nect the case to ground.
There are 3 RC oscillators in the DA14583: one provid-
ing 16 MHz (RC16M), one providing 32 kHz (RC32K)
and one providing a frequency in the range of 10.5 kHz
(RCX).
3.8.2 Reset
The DA14583 comprises an RST pad which is active
high. It contains an RC filter for spikes suppression
with 400 k and 2.8 pF for the resistor and the capaci-
tor respectively. It also contains a 25 k pull-down
resistor. This pad should be connected to ground if not
needed by the application. The typical latency of the
RST pad is in the range of 2 s.
3.9 POWER MANAGEMENT
The DA14583 has a complete power management
function integrated with a Buck DC-DC converter and
separate LDOs for the different power domains of the
system.
Features
• On-chip LDOs, without external capacitors
• Synchronous DC-DC converter configured as Buck
(step-down) converter for increased efficiency when
running from a Lithium coin-cell or 2 Alkaline batter-
ies down to 2.35 V.
• Battery voltage measurement ADC (multiplexed
input from general purpose ADC)
• Use of small external components (2.2 H inductor
and 1F capacitor)
The Power Block contains a DC-DC converter operat-
ing as a Buck (step-down) converter. The converter
provides power to four LDO groups in the system:
1. LDO RET: This is the LDO providing power to the
Retention domain (PD_AON). It powers the Retention
RAMs and the digital part which is always on.
2. LDO OTP: This is the LDO powering the OTP macro
cell. This is the reason for using the step-up DC-DC
converter when running from an Alkaline battery.
3. LDO SYS: This is the LDO providing the system with
the actual VDD power required for the digital part to
operate.
4. LDO (various): This a group of LDOs used for the
elaborate control of the powering up/down of the
Radio, the GP ADC and the XTAL16M oscillator.
The Power Block of the DA14583 only supports the
use of Lithium coin cells (2.35 V to 3.3 V) as external
battery. The connection diagram is shown in Figure 6.
Figure 5 Crystal oscillator circuits
clock16MHz
16 MHz
clock32kHz
32.768 kHz
0-22.4 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com