Electronic Components Datasheet Search
  English  ▼

X  

ATF501P8 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # ATF501P8
Description  Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF501P8 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button ATF501P8 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 13Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 14Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 15Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 16Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
12
ATF-501P8 Typical Scattering Parameters,
VDS = 4.5V, IDS = 200 mA
Freq.
S11
S21
S12
S22
MSG/MAG K
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
factor
0.1
0.922
-131.5
31.1
35.978
112.6
-37.7
0.013
28.9
0.664
-159.8
34.4
0.142
0.2
0.914
-155.7
25.7
19.290
100.1
-36.5
0.015
22.4
0.709
-170.7
31.1
0.274
0.3
0.914
-165.2
22.3
13.088
94.7
-36.5
0.015
22.5
0.719
-175.4
29.4
0.390
0.4
0.911
-170.5
19.8
9.814
91.4
-35.9
0.016
24.9
0.722
-178.4
27.9
0.510
0.5
0.911
-173.3
18.3
8.176
88.6
-35.4
0.017
26.8
0.713
-179.9
26.8
0.577
0.6
0.912
-176.0
16.7
6.834
86.4
-34.9
0.018
29.3
0.713
178.6
25.8
0.653
0.7
0.910
-178.3
15.4
5.861
84.3
-34.4
0.019
31.3
0.716
177.2
24.9
0.725
0.8
0.910
179.9
14.2
5.141
82.3
-34.4
0.019
33.0
0.718
175.5
24.3
0.801
0.9
0.913
178.4
13.2
4.558
80.5
-34.0
0.020
34.9
0.712
175.0
23.6
0.840
1
0.910
176.8
12.2
4.092
78.7
-33.6
0.021
36.6
0.714
173.8
22.9
0.903
1.5
0.904
170.5
8.7
2.718
70.5
-31.4
0.027
41.7
0.721
169.0
18.3
1.077
2
0.905
166.1
6.7
2.153
64.9
-30.2
0.031
44.2
0.721
165.2
16.0
1.161
2.5
0.905
165.2
6.1
2.027
63.7
-29.9
0.032
44.5
0.719
162.5
15.4
1.188
3
0.906
161.1
4.5
1.684
58.3
-28.6
0.037
44.9
0.715
158.5
13.7
1.227
4
0.905
154.9
2.6
1.354
50.3
-27.1
0.044
44.3
0.725
152.9
11.8
1.262
5
0.904
145.1
0.4
1.053
38.5
-24.7
0.058
41.6
0.716
145.7
9.5
1.271
6
0.899
134.9
-1.3
0.863
23.9
-22.9
0.072
34.1
0.712
144.1
7.7
1.263
7
0.905
126.0
-3.6
0.661
10.5
-22.2
0.078
26.0
0.660
132.9
5.6
1.371
8
0.902
115.8
-4.6
0.587
0.3
-20.8
0.091
20.8
0.654
116.3
4.2
1.423
9
0.900
106.4
-5.6
0.527
-11.1
-19.6
0.105
11.1
0.649
114.4
3.0
1.451
10
0.894
95.9
-6.1
0.498
-17.7
-18.9
0.114
8.4
0.700
103.4
2.6
1.412
11
0.882
84.9
-7.0
0.448
-26.8
-17.7
0.130
-0.9
0.746
90.5
1.6
1.407
12
0.873
74.3
-8.1
0.393
-38.8
-17.5
0.133
-7.5
0.738
87.3
0.1
1.614
13
0.856
64.6
-8.1
0.393
-45.4
-16.1
0.156
-13.1
0.768
77.8
-0.1
1.492
14
0.853
56.0
-8.4
0.380
-55.0
-15.6
0.166
-21.4
0.800
68.4
-0.2
1.399
15
0.837
47.4
-8.8
0.361
-64.1
-14.8
0.182
-29.6
0.799
65.2
-1.0
1.439
16
0.829
40.6
-9.2
0.345
-72.0
-14.4
0.190
-35.9
0.763
51.1
-1.8
1.556
17
0.828
32.7
-9.5
0.336
-80.5
-13.4
0.213
-43.3
0.787
38.5
-2.0
1.449
18
0.807
26.1
-10.2
0.310
-88.2
-12.5
0.236
-50.5
0.782
29.1
-3.2
1.542
Notes:
1. S parameter is measured on a microstrip line
made on 0.025 inch thick alumina carrier. The
input reference plane is at the end of the gate
lead. The output reference plane is at the end
of the drain lead.
Figure 57. MSG/MAG & |S21|
2 vs. Frequency
at 4.5V 200mA.
FREQUENCY (GHz)
018
2
4
6
8
10
12
14
16
40
30
20
10
0
-10
-20
S21
MSG
MAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com