Electronic Components Datasheet Search
  English  ▼

X  

ATF501P8 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ATF501P8
Description  Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF501P8 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ATF501P8 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2
ATF-501P8 Absolute Maximum Ratings[1]
Absolute
Symbol
Parameter
Units
Maximum
V
DS
Drain–Source Voltage[2]
V7
V
GS
Gate–Source Voltage[2]
V
-5 to 0.8
V
GD
Gate Drain Voltage[2]
V
-5 to 1
I
DS
Drain Current[2]
A1
I
GS
Gate Current
mA
12
P
diss
Total Power Dissipation[3]
W
3.5
P
in max.
RF Input Power
dBm
30
T
CH
Channel Temperature
°C
150
T
STG
Storage Temperature
°C
-65 to 150
θ
ch_b
Thermal Resistance[4]
°C/W
23
Notes:
1. Operation of this device in excess of any one
of these parameters may cause permanent
damage.
2. Assumes DC quiescent conditions.
3. Board (package belly) temperatureT
B is 25°C.
Derate 43.5 mW/
°C for T
B > 69.5°C.
4. Channel-to-board thermal resistance
measured using 150
°C Liquid Crystal
Measurement method.
Notes:
5. Distribution data sample size is 300 samples taken from 3 different wafers and 3 different lots.
Future wafers allocated to this product may have nominal values anywhere between the upper and
lower limits.
6. Measurements are made on production test board, which represents a trade-off between optimal
OIP3, P1dB and VSWR. Circuit losses have been de-embedded from actual measurements.
Figure 1. Typical IV curve
(Vgs = 0.01V) per step.
Vds (V)
06
1
2
3
4
5
800
700
600
500
400
300
200
100
0
Vgs=0.6V
Vgs=0.55V
Vgs=0.5V
Vgs=0.7V
Vgs=0.65V
Product Consistency Distribution Charts at 2 GHz, 4.5V, 200 mA [5,6]
Figure 2. P1dB.
P1dB (dBm)
27.5
30.5
28
28.5
29
29.5
30
120
100
80
60
40
20
0
Cpk=1.76
Stdev=0.3
+3 Std
–3 Std
Figure 3. PAE.
PAE (%)
45
85
55
65
75
120
100
80
60
40
20
0
Cpk=1.51
Stdev=3.38
+3 Std
–3 Std
Figure 4. Gain.
GAIN (dB)
13
17
14
15
16
100
80
60
40
20
0
Cpk=1.61
Stdev=0.33
+3 Std
–3 Std
Figure 5. OIP3.
OIP3 (dBm)
42
50
43
44
45
46
47
48
49
100
80
60
40
20
0
Cpk=1.1
Stdev=0.87
+3 Std
–3 Std



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com