Electronic Components Datasheet Search
  English  ▼

X  

ATF501P8 Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # ATF501P8
Description  Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF501P8 Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button ATF501P8 Datasheet HTML 15Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 16Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 17Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 18Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 19Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 20Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 21Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 22Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 23Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
20
2 x 2 LPCC (JEDEC DFP-N) Package Dimensions
Ordering Information
Part Number
No. of Devices
Container
ATF-501P8-TR1
3000
7” Reel
ATF-501P8-TR2
10000
13”Reel
ATF-501P8-BLK
100
antistatic bag
Device Models
Refer to Agilent’s Web Site
www.agilent.com/view/rf
D
E
8
7
6
5
A
D1
E1
P
e
pin1
R
L
b
DIMENSIONS ARE IN MILLIMETERS
DIMENSIONS
MIN.
0.70
0
0.203 REF
0.225
1.9
0.65
1.9
1.45
0.50 BSC
NOM.
0.75
0.02
0.203 REF
0.25
2.0
0.80
2.0
1.6
0.50 BSC
MAX.
0.80
0.05
0.203 REF
0.275
2.1
0.95
2.1
1.75
0.50 BSC
SYMBOL
A
A1
A2
b
D
D1
E
E1
e
1
pin1
2
3
4
0PX
Top View
End View
End View
Bottom View
A2
A
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com