Electronic Components Datasheet Search
  English  ▼

X  

ATF501P8 Datasheet(PDF) 18 Page - Agilent(Hewlett-Packard)

Part # ATF501P8
Description  Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF501P8 Datasheet(HTML) 18 Page - Agilent(Hewlett-Packard)

Back Button ATF501P8 Datasheet HTML 14Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 15Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 16Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 17Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 18Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 19Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 20Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 21Page - Agilent(Hewlett-Packard) ATF501P8 Datasheet HTML 22Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
17
ATF-501P8 Typical Scattering Parameters,
VDS = 5.5V, IDS = 280 mA
Freq.
S11
S21
S12
S22
MSG/MAG K
GHz
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Mag.
Ang.
dB
factor
0.1
0.914
-131.5
31.8
39.087
112.6
-38.4
0.012
29.6
0.618
-158.7
35.1
0.172
0.2
0.912
-155.7
26.4
20.961
100.1
-37.7
0.013
23.9
0.661
-170.0
32.1
0.307
0.3
0.914
-165.2
23.1
14.228
94.5
-37.1
0.014
24.1
0.670
-174.9
30.1
0.420
0.4
0.913
-170.5
20.6
10.678
91.1
-37.1
0.014
26.7
0.674
-177.9
28.8
0.550
0.5
0.909
-173.3
19.0
8.871
88.3
-36.5
0.015
29.0
0.662
-179.3
27.7
0.638
0.6
0.910
-176.0
17.4
7.417
86.0
-35.9
0.016
31.7
0.663
179.2
26.7
0.715
0.7
0.911
-178.2
16.1
6.365
83.9
-35.4
0.017
34.3
0.666
177.8
25.7
0.782
0.8
0.908
-179.8
14.9
5.577
81.8
-34.9
0.018
36.0
0.667
176.3
24.9
0.850
0.9
0.913
178.4
13.9
4.956
79.9
-34.4
0.019
38.0
0.664
175.7
24.2
0.878
1
0.907
176.7
13.0
4.446
78.0
-34.0
0.020
39.4
0.664
174.5
23.5
0.958
1.5
0.903
170.5
9.4
2.951
69.6
-32.0
0.025
44.5
0.672
170.1
18.4
1.141
2
0.905
166.2
7.4
2.331
63.5
-30.5
0.030
46.4
0.674
166.5
16.3
1.182
2.5
0.903
165.2
6.8
2.197
62.1
-30.2
0.031
47.0
0.674
164.0
15.7
1.222
3
0.903
161.0
5.2
1.822
56.7
-29.1
0.035
47.3
0.672
160.3
14.0
1.284
4
0.900
154.7
3.3
1.455
47.9
-27.3
0.043
46.7
0.685
155.2
12.0
1.307
5
0.902
145.0
1.1
1.129
35.9
-24.9
0.057
43.8
0.679
148.6
9.8
1.278
6
0.895
134.9
-0.8
0.916
20.6
-23.0
0.071
36.2
0.681
147.0
8.0
1.271
7
0.903
125.8
-3.2
0.695
6.8
-22.3
0.077
28.3
0.648
135.8
6.1
1.340
8
0.898
115.4
-4.2
0.616
-3.5
-20.8
0.091
22.9
0.641
119.2
4.5
1.401
9
0.898
105.8
-5.3
0.546
-16.3
-19.6
0.105
13.3
0.636
117.2
3.3
1.416
10
0.884
95.4
-6.0
0.499
-23.2
-18.9
0.114
10.9
0.694
106.2
2.4
1.459
11
0.871
84.6
-6.8
0.458
-31.5
-17.6
0.132
1.6
0.741
92.7
1.6
1.420
12
0.864
74.2
-8.3
0.386
-43.6
-17.3
0.137
-5.2
0.731
89.5
-0.2
1.655
13
0.849
64.8
-8.3
0.385
-49.9
-15.8
0.162
-11.5
0.768
79.6
-0.3
1.479
14
0.854
56.1
-8.7
0.366
-60.4
-15.2
0.174
-20.9
0.804
70.2
-0.2
1.332
15
0.841
47.7
-9.6
0.330
-68.9
-14.4
0.191
-29.9
0.807
66.7
-1.3
1.385
16
0.834
40.0
-10.0
0.317
-73.5
-14.1
0.198
-37.0
0.768
52.4
-2.3
1.536
17
0.824
31.9
-10.2
0.310
-83.2
-13.2
0.219
-45.0
0.792
39.7
-2.5
1.466
18
0.813
24.7
-10.7
0.291
-88.9
-12.4
0.240
-52.2
0.788
30.0
-3.5
1.533
Notes:
1. S parameter is measured on a microstrip line
made on 0.025 inch thick alumina carrier. The
input reference plane is at the end of the gate
lead. The output reference plane is at the end
of the drain lead.
Figure 62. MSG/MAG & |S21|
2 vs. Frequency
at 5.5V 280mA.
FREQUENCY (GHz)
018
2
4
6
8
10
12
14
16
40
30
20
10
0
-10
-20
S21
MSG
MAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com