Electronic Components Datasheet Search
  English  ▼

X  

TPS65231 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS65231
Description  POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65231 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65231 Datasheet HTML 1Page - Texas Instruments TPS65231 Datasheet HTML 2Page - Texas Instruments TPS65231 Datasheet HTML 3Page - Texas Instruments TPS65231 Datasheet HTML 4Page - Texas Instruments TPS65231 Datasheet HTML 5Page - Texas Instruments TPS65231 Datasheet HTML 6Page - Texas Instruments TPS65231 Datasheet HTML 7Page - Texas Instruments TPS65231 Datasheet HTML 8Page - Texas Instruments TPS65231 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS65230, TPS65231
www.ti.com.................................................................................................................................... SLVSA10A – SEPTEMBER 2009 – REVISED SEPTEMBER 2009
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage range at VIN
10.8
12
22
V
Input voltage range at VINU
4.75
5.5
V
Input voltage range at VINB
4.75
6.1
Voltage range, EN_BCK1, EN_BCK2, EN_BCK3, EN_USB1/SCL, EN_USB2/SDA,
3.3
V
nRST, USBFLG1/VCTRL2, USBFLG2/VCTRL3 pins
Input voltage, nRST pin
3.3
V
Voltage range, INT pin (I2C disabled)
5.4
6.6
V
Voltage range, INT pin (I2C enabled)
3.3
V
TA
Ambient operating temperature
50
°C
VIN = 12 V ±5%, VINB2, VINB3 = 5 V ±5%, VINU = 5 V ±5% TJ = 0°C to 150°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE
VIN
Input supply voltage
10.8
12
22
V
VIN rising
10.8
VBOR
Brown Out Reset threshold
V
VIN falling
9.3
VIN rising
10.8
UVLO VIN
UVLO threshold – VIN (main supply)
V
VIN falling
4.7
VINB rising
4.75
UVLO threshold – VINB
UVLO VINB
V
(BUCK2/BUCK3 supply)
VINB falling
4.25
VINU rising
4.4
UVLO VINU
UVLO threshold – VINU (USB supply)
V
VINU falling
3.8
INPUT CURRENT
All regulators/USB switches
ICCQ
Input supply current
4
mA
disabled
LOGIC INPUT LEVEL (SCL, SDA, INT, VCTRL2, VCTRL3)
VIH
Input high level
1.2
V
VIL
Input low level
0.4
V
VI2C_disable
I2C disable voltage (INT)
4
V
BUCK ENABLE INPUTS (EN_BCK1,2,3)
VEN
Enable threshold
1.2
V
VENHYS
Enable voltage hysteresis
100
mV
IPULLUP
Pull-up current
tEN = 0.2 ms/nF
6
uA
RD
Discharge resistor
1
k
Ω
tD
Discharge time
Power-up
5
ms
I2C ENABLE THRESHOLD (INT pin)
I2C enabled if pull-up resistor
VINTTH
I2C enable threshold
is connected to a value
4.8
V
above threshold
LOGIC OUTPUT LEVEL(SDA, INT, nRST, USBFLG1, USBFLG2 )
OL
Output low level
IOUT = 3 mA through pull-up
0.3
0.4
V
PWM CONTROLLER (BUCK1)
VOUT
Output voltage range(1)
3.3
6.1
V
PG
Power good threshold
VOUT rising
95
%
(1)
Output voltage range is limited by the minimum and maximum duty cycle. VOUT(min) ~ d(min) x VINPUT and VOUT(max) ~ d(max) x
VINPUT.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS65230 TPS65231
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com