Electronic Components Datasheet Search
  English  ▼

X  

DS1318 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1318
Description  Parallel-Interface Elapsed Time Counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1318 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1318 Datasheet HTML 1Page - Dallas Semiconductor DS1318 Datasheet HTML 2Page - Dallas Semiconductor DS1318 Datasheet HTML 3Page - Dallas Semiconductor DS1318 Datasheet HTML 4Page - Dallas Semiconductor DS1318 Datasheet HTML 5Page - Dallas Semiconductor DS1318 Datasheet HTML 6Page - Dallas Semiconductor DS1318 Datasheet HTML 7Page - Dallas Semiconductor DS1318 Datasheet HTML 8Page - Dallas Semiconductor DS1318 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The DS1318 parallel-interface elapsed time counter
(ETC) is a 44-bit counter that maintains the amount of
time that the device operates from main and/or backup
power or during an external event. The internal
frequency of the counter clock is 4.096kHz, which pro-
vides a 244µs resolution and a maximum count of over
136 years. A built-in power-sense circuit detects power
failures, automatically switches to the backup supply,
and controls the timer. If an external event timer is
desired, the control input EXT can control the counter
operation. An open-drain output provides an interrupt,
and a square-wave output provides a programmable
square wave. The DS1318 is accessed through a byte-
wide parallel interface, and operates over the industrial
temperature range.
Applications
Power Meters
Industrial Controls
Servers
Features
♦ Byte-Wide Parallel Interface
♦ 44-Bit Binary Counter Provides Timer with 244µs
Resolution
♦ Automatic Power-Fail Detect and Switch Circuitry
Selects Power Source from the Primary Power
and the Battery, and Write Protects the Internal
Registers
♦ Internal Power-Fail Circuit Allows Timer to
Provide Primary or Battery Operation Times
♦ Timer can Alternately Provide an Event Timer of
Either an Active-High or Active-Low Pulse
♦ Interrupt Output Generated Periodically or When
the Upper 32 Bits of the Counter Match an Alarm
Register
♦ Square-Wave Output with 16 Selectable
Frequencies from 32.768kHz to 0.5Hz
♦ +3.3V Operation
♦ Industrial Temperature Range: -40°C to +85°C
Parallel-Interface Elapsed Time Counter
______________________________________________ Maxim Integrated Products
1
DS1318
GND
24
23
22
21
20
19
18
17
16
15
X1
TOP VIEW
X2
VBAT
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
TSSOP
DQ2
DQ1
DQ0
A0
A1
A2
A3
1
2
3
4
5
10
9
8
7
6
11
12
14
13
SQW
IRQ
EXT
GND
Pin Configuration
Ordering Information
DS1318
CPU
VCC
VCC
DQ–DQ7
A3–A0
GND
RPU
SQW
X1
IRQ
WE
OE
CE
X2
EXT
EXTERNAL
COUNTER
ENABLE
(EVENT TIMER)
0.1
µF
VBAT
Typical Operating Circuit
Rev 0; 2/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
TOP MARK
DS1318
-40°C to +85°C
24 TSSOP,
4.4mm
DS1318


Similar Part No. - DS1318

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1318 MAXIM-DS1318 Datasheet
242Kb / 15P
Parallel-Interface Elapsed Time Counter
Rev 1; 12/10
DS1318E MAXIM-DS1318E Datasheet
242Kb / 15P
Parallel-Interface Elapsed Time Counter
Rev 1; 12/10
DS1318 MAXIM-DS1318_10 Datasheet
242Kb / 15P
Parallel-Interface Elapsed Time Counter
Rev 1; 12/10
More results

Similar Description - DS1318

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
Elapsed Time Counter
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
Elapsed Time Counter Module
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
Total Elapsed Time Recorder with Alarm
logo
AMI SEMICONDUCTOR
AMIS-70020 AMI-AMIS-70020 Datasheet
331Kb / 7P
Power Failure Elapsed Time Counter
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
Elapsed Time Counter
093002
DS1318 MAXIM-DS1318_10 Datasheet
242Kb / 15P
Parallel-Interface Elapsed Time Counter
Rev 1; 12/10
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
Total-Elapsed-Time Recorder with Alarm
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
Elapsed Time Meters
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
Elapsed Time Counter Module
093002
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com