Electronic Components Datasheet Search
  English  ▼

X  

DS1318 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1318
Description  Parallel-Interface Elapsed Time Counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1318 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1318 Datasheet HTML 1Page - Dallas Semiconductor DS1318 Datasheet HTML 2Page - Dallas Semiconductor DS1318 Datasheet HTML 3Page - Dallas Semiconductor DS1318 Datasheet HTML 4Page - Dallas Semiconductor DS1318 Datasheet HTML 5Page - Dallas Semiconductor DS1318 Datasheet HTML 6Page - Dallas Semiconductor DS1318 Datasheet HTML 7Page - Dallas Semiconductor DS1318 Datasheet HTML 8Page - Dallas Semiconductor DS1318 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Parallel-Interface Elapsed Time Counter
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on any Pin Relative to Ground ......-0.3V to +6.0V
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature ......................................See IPC/JEDEC
J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 2)
3.0
3.3
3.6
V
Battery Voltage
VCC
(Note 2)
1.6
3.3
3.7
V
Logic 1 Voltage
VIH
(Note 2)
0.7 x
VCC
VCC +
0.5
V
Logic 0 Voltage
VIL
(Note 2)
-0.5
+0.3 x
VCC
V
DC ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Logic 0 Output Current
(VOL = 0.15 x VCC)
IOL
3mA
Logic 1 Output Current
(VOH = 0.85 x VCC)
IOH
1mA
SQW, INT Logic 0 Output
(VOL = 0.15 x VCC)
IOLSI
5mA
Input Leakage
ILI
(Note 3)
1
µA
I/O Leakage
ILO
(Note 4)
-1
+1
µA
Active Supply Current
ICCA
(Note 5)
10
mA
Standby Current
ICCS
(Note 6)
100
150
µA
Battery Input-Leakage Current
IBATLKG
10
100
nA
Power-Fail Voltage
VPF
(Note 2)
2.70
2.97
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com