Electronic Components Datasheet Search
  English  ▼

X  

DS1318 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1318
Description  Parallel-Interface Elapsed Time Counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1318 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1318 Datasheet HTML 6Page - Dallas Semiconductor DS1318 Datasheet HTML 7Page - Dallas Semiconductor DS1318 Datasheet HTML 8Page - Dallas Semiconductor DS1318 Datasheet HTML 9Page - Dallas Semiconductor DS1318 Datasheet HTML 10Page - Dallas Semiconductor DS1318 Datasheet HTML 11Page - Dallas Semiconductor DS1318 Datasheet HTML 12Page - Dallas Semiconductor DS1318 Datasheet HTML 13Page - Dallas Semiconductor DS1318 Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Bit 7: Oscillator Stop Flag (OSF). A logic 1 in this bit
indicates that the oscillator either is or was stopped for
some period of time and may be used to judge the
validity of the timekeeping data. This bit is set to logic 1
any time the oscillator stops. The following are exam-
ples of conditions that can cause the OSF bit to be set:
1)
The first time power is applied.
2)
The voltage present on both VCC and VBAT is
insufficient to support oscillation.
3)
The ENOSC bit is turned off in battery-backed
mode.
4)
External influences on the crystal (i.e., noise, leak-
age, etc.)
Any write to the status register while this flag is active
clears the bit to 0.
Bit 6: Update-In-Progress Flag (UIP). A logic 1 in the
update-in-progress bit indicates that the internal clock
registers may be in the process of updating the user
registers. Writing to any seconds or subseconds regis-
ters when this bit is logic 1 may cause a collision with
the internal update and corrupt one or more of the user
registers until the next update occurs. If the UIP bit is
read and is logic 0, the user has at least 60µs to write
to the device without the possibility of causing a colli-
sion with the internal update. The internal timekeeping
update is gated by the falling edge of UIP.
Reading the subseconds and or seconds registers
while UIP is logic 1 may result in reading inconstant val-
ues. If the UIP bit is read and is logic 0, the user has at
least 60µs to read from the device without the possibili-
ty of getting inconstant values.
Bit 1: Periodic Flag (PF). The periodic flag bit is set to
1 at the rate determined by the PRS bits in register 0Bh.
If the PF bit is already 1 when the selected frequency
attempts to set it to 1 again, no change occurs. The
user must clear the PIF flag faster than the part
attempts to set it to see the desired PF rate. If the PIE
bit in register 0Ah is also set to logic 1, the
IRQ pin is
driven low in response to PF transitioning to 1. Any
write to the status register while this flag is active clears
the bit to 0.
Bit 0: Alarm Flag (ALMF). A logic 1 in the alarm flag
bit indicates that the contents of the seconds registers
matched the contents of the alarm registers. If the AIE
bit in register 0Ah is also set to logic 1, the
IRQ pin is
driven low in response to ALMF transitioning to 1. Any
write to the status register while this flag is active clears
the bit to 0.
Parallel-Interface Elapsed Time Counter
____________________________________________________________________
13
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
OSF
UIP
0
0
0
0
PF
ALMF
Status Register (0Ch)
60
µs
8kHz
4kHz
UIP
UIP vs. Update Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com