Electronic Components Datasheet Search
  English  ▼

X  

DS1318 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1318
Description  Parallel-Interface Elapsed Time Counter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1318 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1318 Datasheet HTML 1Page - Dallas Semiconductor DS1318 Datasheet HTML 2Page - Dallas Semiconductor DS1318 Datasheet HTML 3Page - Dallas Semiconductor DS1318 Datasheet HTML 4Page - Dallas Semiconductor DS1318 Datasheet HTML 5Page - Dallas Semiconductor DS1318 Datasheet HTML 6Page - Dallas Semiconductor DS1318 Datasheet HTML 7Page - Dallas Semiconductor DS1318 Datasheet HTML 8Page - Dallas Semiconductor DS1318 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Parallel-Interface Elapsed Time Counter
_____________________________________________________________________
5
HIGH-Z
DON'T CARE
tVCCR
tREC
VALID
RECOGNIZED
RECOGNIZED
VALID
VCC
VPF(MAX)
VPF(MIN)
tVCCF
INPUTS
OUTPUTS
Power-Up/Power-Down Timing
POWER-UP/POWER-DOWN CHARACTERISTICS
(TA = -40°C to +85°C) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Recovery at Power-Up
tREC
(Note 9)
150
ms
VCC Fall Time; VPF(MAX) to
VPF(MIN)
tVCCF
300
µs
VCC Rise Time; VPF(MIN) to
VPF(MAX)
tVCCR
0µs
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Capacitance on All Input Pins
CIN
10
pF
Capacitance on
IRQ, SQW, and
DQ Pins
CIO
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com