Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2407APGS Datasheet(PDF) 45 Page - Texas Instruments

Part # TMS320LC2407APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2407APGS Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320LC2407APGS Datasheet HTML 41Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 42Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 43Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 44Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 45Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 46Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 47Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 48Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
45
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PERIPHERALS
The integrated peripherals of the TMS320x240xA are described in the following subsections:
D Two event-manager modules (EVA, EVB)
D Enhanced analog-to-digital converter (ADC) module
D Controller area network (CAN) module
D Serial communications interface (SCI) module
D Serial peripheral interface (SPI) module
D PLL-based clock module
D Digital I/O and shared pin functions
D External memory interfaces (LF2407A only)
D Watchdog (WD) timer module
event manager modules (EVA, EVB)
The event-manager modules include general-purpose (GP) timers, full-compare/PWM units, capture units, and
quadrature-encoder pulse (QEP) circuits. EVA and EVB timers, compare units, and capture units function
identically. However, timer/unit names differ for EVA and EVB. Table 7 shows the module and signal names
used. Table 7 shows the features and functionality available for the event-manager modules and highlights EVA
nomenclature.
Event managers A and B have identical peripheral register sets with EVA starting at 7400h and EVB starting
at 7500h. The paragraphs in this section describe the function of GP timers, compare units, capture units, and
QEPs using EVA nomenclature. These paragraphs are applicable to EVB with regard to function—however,
module/signal names would differ.
Table 7. Module and Signal Names for EVA and EVB
EVENT MANAGER MODULES
EVA
EVB
EVENT MANAGER MODULES
MODULE
SIGNAL
MODULE
SIGNAL
GP Timers
Timer 1
Timer 2
T1PWM/T1CMP
T2PWM/T2CMP
Timer 3
Timer 4
T3PWM/T3CMP
T4PWM/T4CMP
Compare Units
Compare 1
Compare 2
Compare 3
PWM1/2
PWM3/4
PWM5/6
Compare 4
Compare 5
Compare 6
PWM7/8
PWM9/10
PWM11/12
Capture Units
Capture 1
Capture 2
Capture 3
CAP1
CAP2
CAP3
Capture 4
Capture 5
Capture 6
CAP4
CAP5
CAP6
QEP
QEP1
QEP2
QEP1
QEP2
QEP3
QEP4
QEP3
QEP4
External Inputs
Direction
External Clock
TDIRA
TCLKINA
Direction
External Clock
TDIRB
TCLKINB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com