Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2407APGS Datasheet(PDF) 77 Page - Texas Instruments

Part # TMS320LC2407APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2407APGS Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320LC2407APGS Datasheet HTML 73Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 74Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 75Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 76Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 77Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 78Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 79Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 80Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 134 page
background image
TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
77
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
reducing current consumption
240x DSPs incorporate a unique method to reduce the device current consumption. A reduction in current
consumption can be achieved by turning off the clock to any peripheral module which is not used in a given
application. Table 17 indicates the typical reduction in current consumption achieved by turning off the clocks
to various peripherals. See the TMS320LF/LC240xA DSP Controllers Reference Guide: System and
Peripherals (literature number SPRU357) for further information on how to turn off the clock to the peripherals.
Table 17. Typical Current Consumption by Various Peripherals (at 40 MHz)
PERIPHERAL MODULE
CURRENT REDUCTION (mA)
CAN
8.4
EVA
6.1
EVB
6.1
ADC
3.7†
SCI
1.9
SPI
1.3
† This number represents the current drawn by the digital portion of the ADC module.
Turning off the clock to the ADC module results in the elimination of the current drawn
by the analog portion of the ADC (ICCA) as well.
PARAMETER MEASUREMENT INFORMATION
Tester Pin
Electronics
VLOAD
IOL
CT
IOH
Output
Under
Test
50
Ω
Where:
IOL
=
2 mA (all outputs)
IOH
=
300
µA (all outputs)
VLOAD
=
1.5 V
CT
=
50-pF typical load-circuit capacitance
Figure 23. Test Load Circuit
signal transition levels
The data in this section is shown for the 3.3-V version. Note that some of the signals use different reference
voltages, see the recommended operating conditions table. Output levels are driven to a minimum logic-high
level of 2.4 V and to a maximum logic-low level of 0.4 V.
Figure 24 shows output levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com