Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2407APGS Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS320LC2407APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2407APGS Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320LC2407APGS Datasheet HTML 48Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 49Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 50Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 51Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 52Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 53Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 54Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 55Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
52
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
controller area network (CAN) module (continued)
The mailboxes are situated in one 48-word x 16-bit RAM. It can be written to or read by the CPU or the CAN.
The CAN write or read access, as well as the CPU read access, needs one clock cycle. The CPU write access
needs two clock cycles. In these two clock cycles, the CAN performs a read-modify-write cycle and, therefore,
inserts one wait state for the CPU.
Address bit 0 of the address bus used when accessing the RAM decides if the lower (0) or the higher (1)
16-bit word of the 32-bit word is taken. The RAM location is determined by the upper bits 5 to 1 of the address
bus.
Table 8. 3.3-V CAN Transceivers for the TMS320Lx240xA DSPs
PART NUMBER
LOW-POWER MODE
INTEGRATED
SLOPE CONTROL
Vref PIN
TA
MARKED AS†
SN65HVD230
370
µA standby mode
Yes
Yes
VP230
SN65HVD231
40 nA sleep mode
Yes
Yes
−40
°C to 85°C
VP231
SN65HVD232
No standby or sleep mode
No
No
40 C to 85 C
VP232
† This is the nomenclature printed on the device, since the footprint is too small to accommodate the entire part number.
CAN interrupt logic
There are two interrupt requests from the CAN module to the peripheral interrupt expansion (PIE) controller:
the mailbox interrupt and the error interrupt. Both interrupts can assert either a high-priority request or a
low-priority request to the CPU. Since CAN mailboxes can generate multiple interrupts, the software should
read the CAN_IFR register for every interrupt and prioritize the interrupt service, or else, these multiple
interrupts will not be recognized by the CPU and PIE hardware logic. Each interrupt routine should service all
the interrupt bits that are set and clear them after service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com